Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L1713CTL Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M368L1713CTL
Description  128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L1713CTL Datasheet(HTML) 3 Page - Samsung semiconductor

  M368L1713CTL Datasheet HTML 1Page - Samsung semiconductor M368L1713CTL Datasheet HTML 2Page - Samsung semiconductor M368L1713CTL Datasheet HTML 3Page - Samsung semiconductor M368L1713CTL Datasheet HTML 4Page - Samsung semiconductor M368L1713CTL Datasheet HTML 5Page - Samsung semiconductor M368L1713CTL Datasheet HTML 6Page - Samsung semiconductor M368L1713CTL Datasheet HTML 7Page - Samsung semiconductor M368L1713CTL Datasheet HTML 8Page - Samsung semiconductor M368L1713CTL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
M368L1713CTL
Rev. 0.3 May. 2002
GENERAL DESCRIPTION
PIN DESCRIPTION
*
These pins are not used in this module.
Pin Name
Function
A0 ~ A11
Address input (Multiplexed)
BA0 ~ BA1
Bank Select Address
DQ0 ~ DQ63
Data input/output
DQS0 ~ DQS7
Data Strobe input/output
CK0,CK0 ~ CK2,CK2 Clock input
CKE0
Clock enable input
/CS0
Chip select input
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
DM0 ~ DM7
Data - in mask
VDD
Power supply (2.5V)
VDDQ
Power Supply for DQ S(2.5V)
VSS
Ground
VREF
Power supply for reference
VDDSPD
Serial EEPROM Power
Supply (2.3V to 3.6V)
SDA
Serial data I/O
SCL
Serial clock
SA0 ~ 2
Address in EEPROM
VDDID
VDD identification flag
NC
No connection
PIN CONFIGURATIONS (Front side/back side)
Pin Front
Pin Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
VREF
DQ0
VSS
DQ1
DQS0
DQ2
VDD
DQ3
NC
NC
VSS
DQ8
DQ9
DQS1
VDDQ
CK1
/CK1
VSS
DQ10
DQ11
CKE0
VDDQ
DQ16
DQ17
DQS2
VSS
A9
DQ18
A7
VDDQ
DQ19
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
A5
DQ24
VSS
DQ25
DQS3
A4
VDD
DQ26
DQ27
A2
VSS
A1
*CB0
*CB1
VDD
*DQS8
A0
*CB2
VSS
*CB3
BA1
DQ32
VDDQ
DQ33
DQS4
DQ34
VSS
BA0
DQ35
DQ40
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
VDDQ
/WE
DQ41
/CAS
VSS
DQS5
DQ42
DQ43
VDD
*/CS2
DQ48
DQ49
VSS
/CK2
CK2
VDDQ
DQS6
DQ50
DQ51
VSS
VDDID
DQ56
DQ57
VDD
DQS7
DQ58
DQ59
VSS
NC
SDA
SCL
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
VSS
DQ4
DQ5
VDDQ
DM0
DQ6
DQ7
VSS
NC
NC
NC
VDDQ
DQ12
DQ13
DM1
VDD
DQ14
DQ15
*CKE1
VDDQ
*BA2
DQ20
*A12
VSS
DQ21
A11
DM2
VDD
DQ22
A8
DQ23
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
VSS
A6
DQ28
DQ29
VDDQ
DM3
A3
DQ30
VSS
DQ31
*CB4
*CB5
VDDQ
CK0
/CK0
VSS
*DM8
A10
*CB6
VDDQ
*CB7
VSS
DQ36
DQ37
VDD
DM4
DQ38
DQ39
VSS
DQ44
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
/RAS
DQ45
VDDQ
/CS0
*/CS1
DM5
VSS
DQ46
DQ47
*/CS3
VDDQ
DQ52
DQ53
*A13
VDD
DM6
DQ54
DQ55
VDDQ
NC
DQ60
DQ61
VSS
DM7
DQ62
DQ63
VDDQ
SA0
SA1
SA2
VDDSPD
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
KEY
KEY
M368L1713CTL DDR SDRAM 184pin DIMM
16Mx64 DDR SDRAM 184pin DIMM based on 16Mx8
The Samsung M368L1713CTL is 16M bit x 64 Double Data
Rate SDRAM high density memory modules.
The Samsung M368L1713CTL consists of eight CMOS 16M x
8 bit with 4banks Double Data Rate SDRAMs in 66pin TSOP-
II(400mil) packages mounted on a 184pin glass-epoxy sub-
strate. Four 0.1uF decoupling capacitors are mounted on the
printed circuit board in parallel for each DDR SDRAM. The
M368L1713CTL is Dual In-line Memory Modules and intended
for mounting into 184pin edge connector sockets.
Synchronous design allows precise cycle control with the use
of system clock. Data I/O transactions are possible on both
edges of DQS. Range of operating frequencies, programmable
latencies and burst lengths allow the same device to be useful
for a variety of high bandwidth, high performance memory sys-
tem applications.
•Performance range
•Power supply : Vdd: 2.5V ± 0.2V, Vddq: 2.5V ± 0.2V
Double-data-rate architecture; two data transfers per clock cycle
•Bidirectional data strobe(DQS)
•Differential clock inputs(CK and CK)
•DLL aligns DQ and DQS transition with CK transition
•Programmable Read latency 2, 2.5 (clock)
•Programmable Burst length (2, 4, 8)
•Programmable Burst type (sequential & interleave)
•Edge aligned data output, center aligned data input
•Auto & Self refresh, 15.6us refresh interval(4K/64ms refresh)
•Serial presence detect with EEPROM
•PCB :Height 1250 mil , double sided component
Part No.
Max Freq.
Interface
M368L1713CTL-C(L)B3 166MHz(6ns@CL=2.5)
SSTL_2
M368L1713CTL-C(L)A2 133MHz(7.5ns@CL=2)
M368L1713CTL-C(L)B0 133MHz(7.5ns@CL=2.5)
FEATURE


Similar Part No. - M368L1713CTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLA2 SAMSUNG-M368L1624DTL-CLA2 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB0 SAMSUNG-M368L1624DTL-CLB0 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB3 SAMSUNG-M368L1624DTL-CLB3 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L1713CTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Hanbit Electronics Co.,...
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
Elpida Memory
EBD12UB8ALF ELPIDA-EBD12UB8ALF Datasheet
167Kb / 16P
   128MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com