Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD23C32040AL Datasheet(PDF) 23 Page - NEC

Part # UPD23C32040AL
Description  32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C32040AL Datasheet(HTML) 23 Page - NEC

Back Button UPD23C32040AL Datasheet HTML 16Page - NEC UPD23C32040AL Datasheet HTML 17Page - NEC UPD23C32040AL Datasheet HTML 18Page - NEC UPD23C32040AL Datasheet HTML 19Page - NEC UPD23C32040AL Datasheet HTML 20Page - NEC UPD23C32040AL Datasheet HTML 21Page - NEC UPD23C32040AL Datasheet HTML 22Page - NEC UPD23C32040AL Datasheet HTML 23Page - NEC UPD23C32040AL Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
µµµµPD23C32040AL, 23C32080AL
Data Sheet M15772EJ3V0DS
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note:
Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred. Environmental control
must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using
insulators that easily build static electricity. Semiconductor devices must be stored and transported
in an anti-static container, static shielding bag or conductive material. All test and measurement
tools including work bench and floor should be grounded. The operator should be grounded using
wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need
to be taken for PW boards with semiconductor devices on it.
2
Note:
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
HANDLING OF THE APPLIED WAVEFORM OF INPUT PINS AND THE UNUSED INPUT PINS
FOR CMOS
Note:
Power-on does not necessarily define initial status of MOS device. Production process of MOS
does not define the initial operation status of the device. Immediately after the power source is
turned ON, the devices with reset function have not yet been initialized. Hence, power-on does
not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the
reset signal is received. Reset operation must be executed immediately after power-on for devices
having reset function.
Input levels of CMOS devices must be fixed. CMOS devices behave differently than Bipolar or
NMOS devices. If the input of a CMOS device stays in an area that is between VIL (MAX.) and
VIH (MIN.) due to the effects of noise or some other irregularity, malfunction may result.
Therefore, not only the input waveform is fixed, but also the waveform changes, it is important
to use the CMOS device under AC test conditions. For unused input pins in particular, CMOS
devices should not be operated in a state where nothing is connected, so input levels of CMOS
devices must be fixed to high or low by using pull-up or pull-down circuitry. Each unused pin
should be connected to VDD or GND with a resistor, if it is considered to have a possibility of
being an output pin. All handling related to the unused pins must be judged device by device
and related specifications governing the devices.


Similar Part No. - UPD23C32040AL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD23C32040AL RENESAS-UPD23C32040AL Datasheet
655Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD23C32040ALGX-XXX RENESAS-UPD23C32040ALGX-XXX Datasheet
655Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD23C32040ALGX-XXX-A RENESAS-UPD23C32040ALGX-XXX-A Datasheet
655Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD23C32040ALGY-XXX-MJH RENESAS-UPD23C32040ALGY-XXX-MJH Datasheet
655Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD23C32040ALGY-XXX-MJH-A RENESAS-UPD23C32040ALGY-XXX-MJH-A Datasheet
655Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD23C32040AL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32000AL NEC-UPD23C32000AL Datasheet
259Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16340 NEC-UPD23C16340 Datasheet
257Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com