Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2905AT-T2 Datasheet(PDF) 3 Page - NEC

Part # PC2905AT-T2
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC2905AT-T2 Datasheet(HTML) 3 Page - NEC

  PC2905AT-T2 Datasheet HTML 1Page - NEC PC2905AT-T2 Datasheet HTML 2Page - NEC PC2905AT-T2 Datasheet HTML 3Page - NEC PC2905AT-T2 Datasheet HTML 4Page - NEC PC2905AT-T2 Datasheet HTML 5Page - NEC PC2905AT-T2 Datasheet HTML 6Page - NEC PC2905AT-T2 Datasheet HTML 7Page - NEC PC2905AT-T2 Datasheet HTML 8Page - NEC PC2905AT-T2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet G15368EJ1V0DS
3
µµµµPC29M33A,µµµµPC29M05A
ORDERING INFORMATION
Part Number
Package
Output Voltage
Marking
Package Type
µ PC29M33AHF
MP-45G
(Isolated TO-220)
3.3 V
29M33A
• Packed in envelope
µ PC29M33AHB
MP-3 (SC-64)
3.3 V
29M33A
• Packed in envelope
µ PC29M33AT
MP-3Z (SC-63)
3.3 V
29M33A
• Packed in envelope
µ PC29M33AT-E1
MP-3Z (SC-63)
3.3 V
29M33A
• 16 mm wide embossed taping
• Pin 1 on drawout side
• 2000 pcs/reel
µ PC29M33AT -E2
MP-3Z (SC-63)
3.3 V
29M33A
• 16 mm width embossed taping
• Pin 1 at takeup side
• 2000 pcs/reel
µ PC29M33AT -T1
MP-3Z (SC-63)
3.3 V
29M33A
• 32 mm wide adhesive taping
• Pin 1 at drawout side
• 1500 pcs/reel
µ PC29M33AT -T2
MP-3Z (SC-63)
3.3 V
29M33A
• 32 mm wide adhesive taping
• Pin 1 at takeup side
• 1500 pcs/reel
µ PC29M05AHF
MP-45G
(Isolated TO-220)
5.0 V
29M05A
• Packed in envelope
µ PC29M05AHB
MP-3 (SC-64)
5.0 V
29M05A
• Packed in envelope
µ PC29M05AT
MP-3Z (SC-63)
5.0 V
29M05A
• Packed in envelope
µ PC2905AT-E1
MP-3Z (SC-63)
5.0 V
29M05A
• 16 mm wide embossed taping
• Pin 1 at drawout side
• 2000 pcs/reel
µ PC2905AT-E2
MP-3Z (SC-63)
5.0 V
29M05A
• 16 mm wide embossed taping
• Pin 1 at takeup side
• 2000 pcs/reel
µ PC2905AT-T1
MP-3Z (SC-63)
5.0 V
29M05A
• 32 mm wide adhesive taping
• Pin 1 at drawout side
• 1500 pcs/reel
µ PC2905AT-T2
MP-3Z (SC-63)
5.0 V
29M05A
• 32 mm wide adhesive taping
• Pin 1 at takeup side
• 1500 pcs/reel


Similar Part No. - PC2905AT-T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
logo
List of Unclassifed Man...
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results

Similar Description - PC2905AT-T2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com