Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFE31PT222Z1E9 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # NFE31PT222Z1E9
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFE31PT222Z1E9 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button NFE31PT222Z1E9 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NFE31PT222Z1E9 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Impedance-Frequency (Typical)
BLM03 Series
0
100
200
300
400
500
1
10
100
1000
3000
Frequency (MHz)
BLM03AG700SN1
BLM03AG121SN1
BLM03AG100SN1
BLM03AG241SN1
s Impedance-Frequency Characteristics
BLM03AG100SN1
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
R
X
Z
BLM03AG700SN1
Frequency (MHz)
0
20
40
60
80
100
120
R
X
Z
1
10
100
1000
3000
BLM03AG121SN1
0
40
80
120
160
200
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
BLM03AG241SN1
Frequency (MHz)
0
100
200
300
400
500
R
X
Z
1
10
100
1000
3000
BLM15A Series (0402 Size)
(in mm)
0.5
±0.05
1.0
±0.05
0.25
±0.1
BLM15A Series
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - NFE31PT222Z1E9

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFE31PT222Z1E9 MURATA-NFE31PT222Z1E9 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
NFE31PT222Z1E9 MURATA-NFE31PT222Z1E9 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
NFE31PT222Z1E9 MURATA1-NFE31PT222Z1E9 Datasheet
318Kb / 3P
   The chip EMIFIL NFE31PT is a small size T-type circuit EMI suppression filter.
Last updated07/22/2022
logo
Murata Manufacturing Co...
NFE31PT222Z1E9B MURATA-NFE31PT222Z1E9B Datasheet
48Kb / 2P
   Chip EMIFILr LC Combined Type
logo
Murata Manufacturing Co...
NFE31PT222Z1E9B MURATA1-NFE31PT222Z1E9B Datasheet
318Kb / 3P
   The chip EMIFIL NFE31PT is a small size T-type circuit EMI suppression filter.
Last updated07/22/2022
More results

Similar Description - NFE31PT222Z1E9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com