Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD23C16340 Datasheet(PDF) 1 Page - NEC

Part # UPD23C16340
Description  16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C16340 Datasheet(HTML) 1 Page - NEC

  UPD23C16340 Datasheet HTML 1Page - NEC UPD23C16340 Datasheet HTML 2Page - NEC UPD23C16340 Datasheet HTML 3Page - NEC UPD23C16340 Datasheet HTML 4Page - NEC UPD23C16340 Datasheet HTML 5Page - NEC UPD23C16340 Datasheet HTML 6Page - NEC UPD23C16340 Datasheet HTML 7Page - NEC UPD23C16340 Datasheet HTML 8Page - NEC UPD23C16340 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD23C16340, 23C16380
16M-BIT MASK-PROGRAMMABLE ROM
2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
PAGE ACCESS MODE
Document No. M15709EJ2V0DS00 (2nd edition)
Date Published February 2003 NS CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
2001
Description
The
µPD23C16340 and µPD23C16380 are 16,777,216 bits mask-programmable ROM. The word organization is
selectable (BYTE mode : 2,097,152 words by 8 bits, WORD mode : 1,048,576 words by 16 bits).
The active levels of OE (Output Enable Input) can be selected with mask-option.
The
µPD23C16340 and µPD23C16380 are packed in 48-pin PLASTIC TSOP(I) and 48-pin TAPE FBGA.
Features
• Pin compatible with NOR Flash Memory
• Word organization
2,097,152 words by 8 bits (BYTE mode)
1,048,576 words by 16 bits (WORD mode)
• Page access mode
BYTE mode : 8 byte random page access (
µPD23C16340)
16 byte random page access (
µPD23C16380)
WORD mode : 4 word random page access (
µPD23C16340)
8 word random page access (
µPD23C16380)
• Operating supply voltage : VCC = 2.7 V to 3.6 V
Operating supply
Access time /
Power supply current (Active mode)
Standby current
voltage
Page access time
mA (MAX.)
(CMOS level input)
VCC
ns (MAX.)
µPD23C16340
µPD23C16380
µA (MAX.)
3.0 V
± 0.3 V
90 / 25
40
55
30
3.3 V
± 0.3 V
85 / 25


Similar Part No. - UPD23C16340

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
logo
Renesas Technology Corp
UPD23C16300 RENESAS-UPD23C16300 Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16300F1-XXX-BC1-A RENESAS-UPD23C16300F1-XXX-BC1-A Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD23C16300F9-BC3 NEC-UPD23C16300F9-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300F9-XXX-BC3 NEC-UPD23C16300F9-XXX-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results

Similar Description - UPD23C16340

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com