Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2088EFW-9 Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088EFW-9
Description  LCD Module User Manual
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088EFW-9 Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088EFW-9 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088EFW-9 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TOPWAY
LCD Module User Manual
LM2088EFW-9
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088EFW-9-Manual-Rev0.1.doc
Page: 10 of 11
4.6
Initialization Setting Example
The following setting should be issue to LCD module after hardware reset.
(example could be adjusted if necessary.)
Command Parameter
Value
(binary)
HEX
Descriptions
SYSTEM
SET
-
1
1
0
0100 0000
40
Init device and display (with 8 parameters)
P1
0
1
0
0011 0000
30
M0=0: internal CG ROM
M2=0: 8-pixel char height
W/S=0: single panel drive
IV=1: No screen top-line correction
P2
0
1
0
1000 0111
87
FX=7: the horizontal char size=7+1=8
WF=1: two frame AC drive
P3
0
1
0
0000 0111
07
FY=7: the vertical char size=7+1=8
P4
0
1
0
0010 1000
28
C/R: Character Bytes per Row
P5
0
1
0
0100 1001
47
TC/R: Total Char Bytes per Row (including horizontal blanking)
P6
0
1
0
1110 1111
EF
L/F: Lines per Frame
P7
0
1
0
0010 1000
28
APL: Horizontal address range of the virtual screen (low byte)
P8
0
1
0
0000 0000
00
APH: Horizontal address range of the virtual screen (high byte)
DISP
ON/OFF
-
1
1
0
0101 1001
59
Display ON
P1
0
1
0
0000 0100
04
sets the attributes of screen block (SAD1 on, cursor off)
SCROLL
-
1
1
0
0100 0100
44
Set cursor type (with 10 parameters)
P1
0
1
0
0000 0000
00
SAD 1L
P2
0
1
0
0000 0000
00
SAD 1H
P3
0
1
0
1110 1111
EF
SL1
P4
0
1
0
0000 0000
00
SAD 2L (not assigned in this example)
P5
0
1
0
0000 0000
00
SAD 2H (not assigned in this example)
P6
0
1
0
1110 1111
EF
SL2
P7
0
1
0
0000 0000
00
SAD3L (not assigned in this example)
P8
0
1
0
0000 0000
00
SAD3H (not assigned in this example)
CSRFORM
-
1
1
0
0101 1101
5D
Set cursor type (with 2 parameters)
P1
0
1
0
0000 0111
07
CRX
P2
0
1
0
0001 0111
17
CRY
CSRDIR
-
1
1
0
0100 1100
4C
Set Direction of Cursor movement
OVLAY
-
1
1
0
0101 1011
5B
Set display overlay format (with 1 parameters)
P1
0
1
0
0000 0101
05
OV=0: two layer in used; DM1=0: layer 3 as text mode;
DM0=1: layer 1 as graphic mode; MX=01: layer1 XOR Layer 2
HDOT SCR
-
1
1
0
0101 1010
5A
Set horizontal scroll position (with 1 parameters)
P1
0
1
0
0000 0000
00
no scroll
GRAY
SCALE
-
1
1
0
0110 0000
60
sel select the gray scale depth (in bits-per-pixel)
P1
0
1
0
0000 0000
00
BPP=00: 1 bits-per-pixel
CSRW
-
1
1
0
0100 0110
46
Set cursor address (with 2 parameters)
P1
0
1
0
0000 0000
00
CSRL
P2
0
1
0
0000 0000
00
CSRH
MWRITE
-
1
1
0
0100 0010
42
Write to display memory (with n parameters)
P1
0
1
0
Memory Data
**
Display memory data
:
:
:
:
:
**
Pn
0
1
0
Memory Data
**
Note:
For details please refer to S1D13700 datasheet.


Similar Part No. - LM2088EFW-9

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2088EFW-1 TOPWAY-LM2088EFW-1 Datasheet
6Mb / 11P
   LCD Module User Manual
LM2088EFW-1C TOPWAY-LM2088EFW-1C Datasheet
6Mb / 13P
   LCD Module User Manual
More results

Similar Description - LM2088EFW-9

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com