Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2088RFW-C Datasheet(PDF) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088RFW-C
Description  LCD Module User Manual
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088RFW-C Datasheet(HTML) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088RFW-C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088RFW-C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088RFW-C-Manual-Rev0.4
Page: 12 of 13
4.8
Initialization Setting Example
The following setting should be issue to LCD module after hardware reset.
(example could be adjusted, if necessary.)
Register
Add
Register
Name
Value
(binary)
Value
(hex)
Note
00h
WLCR
0000 0100
04
Power Mode = Normal Mode
Software Reset = Normal Operation
Display mode = Graphical Mode
Display on
Full screen blinking control = normal (no blinking)
Full screen inverse = normal (no inverse)
01h
MISC
0110 1000
68
Eliminating Flicker = normal
Busy is High active
XCK = CLK/2
SEG/COM order are normal order
03h
ADSR
0000 0000
00
Scrolling function is disable
0Fh
INTR
0000 0000
00
Set interrupts are disable
10h
WCCR
0000 0110
06
Auto-increase Cursor Position
Chinese/English char alignment = disable
Store Current Data to DDRAM = directly
Set Bold font (char mode only) = normal
Font rotate mode = disable
Cursor on
Cursor blink
11h
DWLR
1110 0000
E0
Cursor Height = 15 pixels
Line Distance = 1 pixel
20h
AWRR
0010 0111
27
Active Window Right Register = 40
21h
DWRR
0010 0111
27
Display Window Right Register = 40
30h
AWBR
1110 1111
EF
Active Window Bottom Register = 240
31h
DWBR
1110 1111
EF
Display Window Bottom Register = 240
40h
AWLR
0000 0000
00
Active Window Left Register = 00
50h
AWTR
0000 0000
00
Active Window Top Register = 00
90h
SCCR
0110 1010
6A
Idle Time set (set to ~66Hz, when system clock=6MHz)
F0h
FNCR
1000 0000
80
Memory Clear Function = no action
F1h
FVHT
0000 0000
00
Font is normal
Note:
Others un-mentioned registers are using its hardware reset default value.


Similar Part No. - LM2088RFW-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2088RFW-2C TOPWAY-LM2088RFW-2C Datasheet
559Kb / 13P
   LCD Module User Manual
More results

Similar Description - LM2088RFW-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com