Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2088RFW-C Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088RFW-C
Description  LCD Module User Manual
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088RFW-C Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088RFW-C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RFW-C Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088RFW-C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088RFW-C-Manual-Rev0.4
Page: 8 of 13
4.6
Control Data and Command
The LCD module setting is controlled by the internal Register Values.
The Register Address should be addressed when RS=1 and Register Value should be issued
when RS=0.
A full command sequence should be as follow.
Steps
/RD
/WR
RS
Data (DB0~ DB7)
1
st
1
0
1
Register Address
2
nd
1
0
0
Register Value
4.7
Register Table Summary
Reg.
Add
Reg.
Name
R/W
Descriptions
--
STATUS
R
MBUSY: Memory Write Busy Flag
1=Busy when write font or clear RAM; 0=not busy
SBUSY: Scan Busy Flag
1=Busy when driver scan logic is not idle; 0=not busy
SLEEP: Sleep state
1= In Sleep mode; 0=In Normal mode
WAKE_STS: Wakeup Status Bit
Same as REG[0FH] Bit2
KS_STS: Key Status Bit
Same as REG[0FH] Bit1
TP_STS: Tp Status Bit
Same as REG[0FH] Bit0
00h
WLCR
R/W
PWR : Power Mode
1=In Sleep Mode; 0=In Normal Mode
LINER: linear Decode Mode
1=User-defined ROM mapping rule; 0=GIG5/GB ROM mapping
rule
SR : Software Reset
1=reset all register (except DDRAM); 0=normal operation
CG : Display mode selection
1=Character Mode; 0=Graphic Mode
DP : Display on off control
1=normal display; 0=display off
BK : Full screen blinking control
1=blinking (blink time is set by REG 80H); 0=normal;
DV : Full screen inverse control
1=Inverse Full Screen; 0=Normal
01h
MISC
R/W
NO_FLICKER : Eliminating Flicker
1=enable, scan will auto-pending when busy; 0=disable
CKN : Clock Output in pin CLK_OUT
1=The pin indicates SLEEP state of STATUS REG;
0=The pin output internal system clock
BUSY_LEV : Busy Polarity(for “BUSY”pin)
1=Set Active High; 0=Set Active Low
INT_LEV: Interrupt Polarity (for “INT”pin)
1=Set Active High; 0=Set Active Low
XCK_SEL[1:0] : Driver Clock Selection
00=CLK/8; 01=CLK/4(Default); 10=CLK/2; 11=CLK
The CLK means system clock
SDIR:SEG Scan Direction
1=SEG order is 319~0; 0=SEG order is 0~319
CDIR: COM Scan Direction
1=COM order is 239~0; 0=COM order is 0~239
03h
ADSR
R/W
SCR_PEND : scroll Function Pending
1=Scroll function pending; 0=Scroll function keep active
BIT_INV : Set driver data output BIT Order
1=inverse order (BIT7 to BIT0, BIT6 to BIT1, and so on;
0=Normal order
SCR_DIR : Scroll Direction
When SCR_HV=1, 1= Bottom -> Top; 0= Top -> Bottom
When SCR_HV=0, 1=Right -> Left;
0=Left -> Right
SCR_HV : Scroll Horizontal/Vertical Selection
1= Common Scrolling(Vertical); 0= Segment Scrolling(Horizontal)
SCR_EN : Scroll Enable
1=Scroll function enable; 0=Scroll function disable


Similar Part No. - LM2088RFW-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2088RFW-2C TOPWAY-LM2088RFW-2C Datasheet
559Kb / 13P
   LCD Module User Manual
More results

Similar Description - LM2088RFW-C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com