Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2088RGW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088RGW
Description  LCD Module User Manual
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088RGW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088RGW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088RGW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088RGW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088RGW-Manual-Rev0.1
Page: 4 of 13
1.4
Terminal Functions
Pin No.
Pin
Name
I/O
Descriptions
K1&K2
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference Input
4
/WR
Input
Write enable input, active LOW
5
/RD
Input
Read enable input, active LOW
6
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
7
RS
Input
Register Select
RS=HIGH: write address of register and read status word
RS=LOW: write & read data of register and DDRAM
8
/RST
Input
Reset Signal:
/RST = L, Reset the LCD Module
/RST = H, Normal Running
9
DB0
I/O
8-bit bi-directional data bus
:
:
16
DB7
17
BUSY
Output
Indicate the RA8806 in busy state or not, could been used for
MPU to get busy state by connecting it to IO port
18
VOUT
Power
Power Booster Output for V0
19
BLA
Power
Positive Power Supply for LED backlight
20
BLK
Power
Negative Power Supply for LED backlight
note:
*1. The LCM Fixed to 80 mode by default, could been changed to 68 mode by changing jumpers


Similar Part No. - LM2088RGW

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2088RCW TOPWAY-LM2088RCW Datasheet
587Kb / 13P
   LCD Module User Manual
LM2088RCW-1 TOPWAY-LM2088RCW-1 Datasheet
1Mb / 13P
   LCD Module User Manual
LM2088RFW TOPWAY-LM2088RFW Datasheet
587Kb / 13P
   LCD Module User Manual
LM2088RFW-2C TOPWAY-LM2088RFW-2C Datasheet
559Kb / 13P
   LCD Module User Manual
LM2088RFW-C TOPWAY-LM2088RFW-C Datasheet
560Kb / 13P
   LCD Module User Manual
More results

Similar Description - LM2088RGW

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com