Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC29M33AT Datasheet(PDF) 9 Page - NEC

Part # PC29M33AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AT Datasheet(HTML) 9 Page - NEC

Back Button PC29M33AT Datasheet HTML 5Page - NEC PC29M33AT Datasheet HTML 6Page - NEC PC29M33AT Datasheet HTML 7Page - NEC PC29M33AT Datasheet HTML 8Page - NEC PC29M33AT Datasheet HTML 9Page - NEC PC29M33AT Datasheet HTML 10Page - NEC PC29M33AT Datasheet HTML 11Page - NEC PC29M33AT Datasheet HTML 12Page - NEC PC29M33AT Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet G15368EJ1V0DS
9
µµµµPC29M33A,µµµµPC29M05A
6
5
0
0.2
0.4
0.6
1.2
0.8
4
3
1
1.0
2
TJ = 25˚C
VIN = 16 V
VIN = 6 V
VIN =
8 V
IO - Output Current - A
VO vs. IO ( PC29M05A)
µ
6
5
0
0.2
0.4
0.6
1.2
0.8
4
3
1
1.0
2
TJ = 25˚C
VIN = 16 V
V = 5 V
VIN = 4.3 V
IO - Output Current - A
VO vs. IO ( PC29M33A)
µ


Similar Part No. - PC29M33AT

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
892Kb / 13P
   Tested in Freespace
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.07.0100A TAOGLAS-PC29.07.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 13P
   Tested in Free space
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results

Similar Description - PC29M33AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com