Electronic Components Datasheet Search |
|
S-19244XXXA Datasheet(PDF) 9 Page - ABLIC Inc. |
|
S-19244XXXA Datasheet(HTML) 9 Page - ABLIC Inc. |
9 / 68 page AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION Rev.3.2_00 S-19244xxxA Series 9 4. 5 S-19244xxxA Series E type ON / OFF logic : Active "H" Discharge shunt function : Available Pull-down Resistor : Available Soft-start time : Changeable by CSS Table 7 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244E00A-E8T1U − S-19244E00A-A8T1U 1.2 V ± 2.3% S-19244E12A-V5T2U S-19244E12A-E8T1U S-19244E12A-E6T1U S-19244E12A-A8T1U 1.8 V ± 2.3% S-19244E18A-V5T2U S-19244E18A-E8T1U S-19244E18A-E6T1U S-19244E18A-A8T1U 3.3 V ± 2.3% S-19244E33A-V5T2U S-19244E33A-E8T1U S-19244E33A-E6T1U S-19244E33A-A8T1U 5.0 V ± 2.3% S-19244E50A-V5T2U S-19244E50A-E8T1U S-19244E50A-E6T1U S-19244E50A-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 6 S-19244xxxA Series F type ON / OFF logic : Active "H" Discharge shunt function : Available Pull-down Resistor : Unavailable Soft-start time : Changeable by CSS Table 8 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244F00A-E8T1U − S-19244F00A-A8T1U 1.2 V ± 2.3% S-19244F12A-V5T2U S-19244F12A-E8T1U S-19244F12A-A6T1U S-19244F12A-A8T1U 1.8 V ± 2.3% S-19244F18A-V5T2U S-19244F18A-E8T1U S-19244F18A-A6T1U S-19244F18A-A8T1U 3.3 V ± 2.3% S-19244F33A-V5T2U S-19244F33A-E8T1U S-19244F33A-A6T1U S-19244F33A-A8T1U 5.0 V ± 2.3% S-19244F50A-V5T2U S-19244F50A-E8T1U S-19244F50A-A6T1U S-19244F50A-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 7 S-19244xxxA Series G type ON / OFF logic : Active "H" Discharge shunt function : Unavailable Pull-down Resistor : Available Soft-start time : Changeable by CSS Table 9 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244G00A-E8T1U − S-19244G00A-A8T1U 1.2 V ± 2.3% S-19244G12A-V5T2U S-19244G12A-E8T1U S-19244G12A-E6T1U S-19244G12A-A8T1U 1.8 V ± 2.3% S-19244G18A-V5T2U S-19244G18A-E8T1U S-19244G18A-E6T1U S-19244G18A-A8T1U 3.3 V ± 2.3% S-19244G33A-V5T2U S-19244G33A-E8T1U S-19244G33A-E6T1U S-19244G33A-A8T1U 5.0 V ± 2.3% S-19244G50A-V5T2U S-19244G50A-E8T1U S-19244G50A-E6T1U S-19244G50A-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 8 S-19244xxxA Series H type ON / OFF logic : Active "H" Discharge shunt function : Unavailable Pull-down Resistor : Unavailable Soft-start time : Changeable by CSS Table 10 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244H00A-E8T1U − S-19244H00A-A8T1U 1.2 V ± 2.3% S-19244H12A-V5T2U S-19244H12A-E8T1U S-19244H12A-E6T1U S-19244H12A-A8T1U 1.8 V ± 2.3% S-19244H18A-V5T2U S-19244H18A-E8T1U S-19244H18A-E6T1U S-19244H18A-A8T1U 3.3 V ± 2.3% S-19244H33A-V5T2U S-19244H33A-E8T1U S-19244H33A-E6T1U S-19244H33A-A8T1U 5.0 V ± 2.3% S-19244H50A-V5T2U S-19244H50A-E8T1U S-19244H50A-E6T1U S-19244H50A-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. |
Similar Part No. - S-19244XXXA |
|
Similar Description - S-19244XXXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |