Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-19243XXXH Datasheet(PDF) 51 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXH Datasheet(HTML) 51 Page - ABLIC Inc.

Back Button S-19243XXXH Datasheet HTML 47Page - ABLIC Inc. S-19243XXXH Datasheet HTML 48Page - ABLIC Inc. S-19243XXXH Datasheet HTML 49Page - ABLIC Inc. S-19243XXXH Datasheet HTML 50Page - ABLIC Inc. S-19243XXXH Datasheet HTML 51Page - ABLIC Inc. S-19243XXXH Datasheet HTML 52Page - ABLIC Inc. S-19243XXXH Datasheet HTML 53Page - ABLIC Inc. S-19243XXXH Datasheet HTML 54Page - ABLIC Inc. S-19243XXXH Datasheet HTML 55Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
(1)
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
2
Copper foil layer [mm]
1
Land pattern and wiring for testing: t0.070
2-
3-
4
74.2 x 74.2 x t0.070
(2)
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
4
1
2
3
4
(3)
Item
Specification
1
2
3
4
(4)
1
2
3
4
Thermal via
-
Material
FR-4
Number of copper foil layer
4
Board D
-
Thermal via
74.2 x 74.2 x t0.035
Land pattern and wiring for testing: t0.070
114.3 x 76.2 x t1.6
Copper foil layer [mm]
Pattern for heat radiation: 2000mm
2 t0.070
Thermal via
Number: 4
Diameter: 0.3 mm
Material
FR-4
Number of copper foil layer
Board A
74.2 x 74.2 x t0.070
Board B
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
Board E
Thermal via
-
Size [mm]
Specification
Item
74.2 x 74.2 x t0.035
Copper foil layer [mm]
4
Copper foil layer [mm]
Pattern for heat radiation: 2000mm
2 t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
Size [mm]
74.2 x 74.2 x t0.035
114.3 x 76.2 x t1.6
IC Mount Area
enlarged view
HSOP-6 Test Board
No. HSOP6-A-Board-SD-1.0
ABLIC Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn