Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-19243XXXH Datasheet(PDF) 50 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243XXXH Datasheet(HTML) 50 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
(4)
1
2
3
4
(5)
1
2
3
4
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Item
Specification
Number of copper foil layer
4
Copper foil layer [mm]
Pattern for heat radiation: 2000mm2 t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
74.2 x 74.2 x t0.070
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Thermal via
-
Item
Specification
Board D
Board E
Thermal via
Number: 4
Diameter: 0.3 mm
Number of copper foil layer
4
Copper foil layer [mm]
Pattern for heat radiation: 2000mm
2 t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
enlarged view
IC Mount Area
HSOP-8A Test Board
No. HSOP8A-A-Board-SD-1.0
ABLIC Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn