Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-19243XXXH Datasheet(PDF) 44 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXH Datasheet(HTML) 44 Page - ABLIC Inc.

Back Button S-19243XXXH Datasheet HTML 40Page - ABLIC Inc. S-19243XXXH Datasheet HTML 41Page - ABLIC Inc. S-19243XXXH Datasheet HTML 42Page - ABLIC Inc. S-19243XXXH Datasheet HTML 43Page - ABLIC Inc. S-19243XXXH Datasheet HTML 44Page - ABLIC Inc. S-19243XXXH Datasheet HTML 45Page - ABLIC Inc. S-19243XXXH Datasheet HTML 46Page - ABLIC Inc. S-19243XXXH Datasheet HTML 47Page - ABLIC Inc. S-19243XXXH Datasheet HTML 48Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
44
7. Output capacitance vs. Characteristics of discharge time (Ta =
+25°C)
VIN = 2.5 V, VON / OFF = 2.5 V
→ VSS (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = VOUT + 1.0 V → VSS (1.5 V ≤ VOUT(S)),
IOUT = 1 mA, tf = 1
μs
120
0
CL [
F]
30
0
15
5
20
10
25
100
80
60
40
20
VOUT(S) = 1.0 V
VOUT(S) = 3.0 V
VOUT(S) = 6.0 V
VOUT
VON / OFF
1
μs
tDSC
VOUT
× 10%
VSS
VIN = 2.5 V, VON / OFF = 2.5 V
→ VSS (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = VOUT + 1.0 V → VSS (1.5 V ≤ VOUT(S))
Figure 35 S-19243xxxH Series A / B type
(with discharge shunt function)
Figure 36 Measurement Condition of Discharge Time
8. Example of equivalent series resistance vs. Output current characteristics (Ta =
+25°C)
100
1.0
500
IOUT [mA]
CIN = CL = 2.2
μF
0
Stable
CIN
VIN
VSS
S-19243xxxH
Series
VOUT
ON / OFF
CL
*1
RESR
SSC
CSS
*1. CL: TDK Corporation CGA6M2X8R1E225K (2.2
μF)
Figure 37
Figure 38


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn