Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S-19243XXXH Datasheet(PDF) 42 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243XXXH Datasheet(HTML) 42 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
42
3. Transient response characteristics of ON / OFF pin (Ta =
+25°C) (S-19243xxxH Series A / B / C / D type)
3. 1 VOUT = 1.0 V
VIN = 2.5 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 2.5 V
3. 2 VOUT = 3.0 V
VIN = 4.0 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 4.0 V
t [
s]
2.00
0.00
3.00
1.00
4.00
5.00
1.00
1.0
0.0
1.0
2.0
2.0
3.0
3.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
t [
s]
4.00
0.00
6.00
2.00
8.00
10.00
2.00
2.0
0.0
2.0
4.0
4.0
6.0
6.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
3. 3 VOUT = 6.0 V
VIN = 7.0 V, CIN = CL = 2.2
μF,
IOUT = 100 mA, VON / OFF = 0 V
→ 7.0 V
t [
s]
8.00
0.00
12.00
4.00
16.00
20.00
4.00
3.0
0.0
3.0
6.0
6.0
9.0
9.0
400
2000
1600
1200
800
400
0
VOUT
VON / OFF
4. Soft-start time vs. Characteristics of operation ambient temperature
VIN = 2.5 V, VON / OFF = 0 V
→ 2.5 V (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = 0 V → VOUT + 1.0 V (1.5 V ≤ VOUT(S)),
CIN = CL = 2.2
μF, CSS = 10 nF
−25 0
150
125
100
75
50
25
−40
0.0
10.0
Ta [
C]
8.0
6.0
4.0
2.0
VOUT = 1.0 V
VOUT = 3.0 V
VOUT = 6.0 V
5. Soft-start time vs. Characteristics of soft-start capacitance (Ta =
+25°C)
VIN = 2.5 V, VON / OFF = 0 V
→ 2.5 V (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = 0 V → VOUT + 1.0 V (1.5 V ≤ VOUT(S)),
CIN = CL = 2.2
μF
CSS [nF]
0.1
1000.0
0.1
100.0
10.0
1.0
100.0
10.0
1.0
VOUT = 1.0 V
VOUT = 6.0 V
VOUT = 3.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn