Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-19243XXXH Datasheet(PDF) 36 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243XXXH Datasheet(HTML) 36 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
36
3. Dropout voltage vs. Output current
3. 1 VOUT = 3.0 V
3. 2 VOUT = 6.0 V
600
0
IOUT [mA]
500
400
300
200
100
0.00
0.40
0.30
0.20
0.10
Tj =
+150C
Tj =
+25C
Tj =
40C
600
0
IOUT [mA]
500
400
300
200
100
0.00
0.40
0.30
0.20
0.10
Tj =
+150C
Tj =
+25C
Tj =
40C
4. Dropout voltage vs. Junction temperature
4. 1 VOUT = 3.0 V
4. 2 VOUT = 6.0 V
−25 0
150
125
100
75
50
25
−40
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
C]
IOUT = 30 mA
IOUT = 300 mA
−25 0
150
125
100
75
50
25
−40
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
C]
IOUT = 30 mA
IOUT = 300 mA
5. Dropout voltage vs. Set output voltage (Ta =
+25°C)
6.0
2.5
0.00
VOUT [V]
5.5
5.0
4.5
4.0
3.5
3.0
0.40
0.30
0.20
0.10
IOUT = 10 mA
IOUT = 300 mA
IOUT = 500 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn