Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-19243XXXH Datasheet(PDF) 15 Page - ABLIC Inc.

Part No. S-19243XXXH
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243XXXH Datasheet(HTML) 15 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243xxxH Series
15
Absolute Maximum Ratings
Table 23
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 12
V
VON / OFF
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VSSC
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VVADJ
VSS
− 0.3 to VSS + 12
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
Output current
IOUT
550
mA
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 24
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θJA
TO-252-5S(A)
Board A
86
°C/W
Board B
60
°C/W
Board C
38
°C/W
Board D
31
°C/W
Board E
28
°C/W
HSOP-8A
Board A
104
°C/W
Board B
74
°C/W
Board C
39
°C/W
Board D
37
°C/W
Board E
31
°C/W
HSOP-6
Board A
96
°C/W
Board B
74
°C/W
Board C
°C/W
Board D
44
°C/W
Board E
41
°C/W
SOT-89-5
Board A
119
°C/W
Board B
84
°C/W
Board C
°C/W
Board D
46
°C/W
Board E
35
°C/W
HSNT-8(2030)
Board A
181
°C/W
Board B
135
°C/W
Board C
40
°C/W
Board D
42
°C/W
Board E
32
°C/W
*1.
Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn