Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19214 Datasheet(PDF) 19 Page - ABLIC Inc.

Part # S-19214
Description  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19214 Datasheet(HTML) 19 Page - ABLIC Inc.

Back Button S-19214 Datasheet HTML 15Page - ABLIC Inc. S-19214 Datasheet HTML 16Page - ABLIC Inc. S-19214 Datasheet HTML 17Page - ABLIC Inc. S-19214 Datasheet HTML 18Page - ABLIC Inc. S-19214 Datasheet HTML 19Page - ABLIC Inc. S-19214 Datasheet HTML 20Page - ABLIC Inc. S-19214 Datasheet HTML 21Page - ABLIC Inc. S-19214 Datasheet HTML 22Page - ABLIC Inc. S-19214 Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 Series
19
3. ON / OFF pin
The ON / OFF pin controls the internal circuit and the output transistor in order to start and stop the regulator. When
the ON / OFF pin is set to OFF, the internal circuit stops operating and the output transistor between the VIN pin
and the VOUT pin is turned off, reducing current consumption significantly.
Note that the current consumption increases when a voltage of 0.8 V to VIN
− 0.3 V is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figure 21.
Since the ON / OFF pin is internally pulled down to the VSS pin in the floating status, the VOUT pin is set to the
VSS level.
Table 12
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
B
"H" : ON
Operate
Constant value*1
ISS1
B
"L" : OFF
Stop
Pulled down to VSS*2
ISS2
*1. The constant value is output due to the regulating based on the set output voltage value.
*2. The VOUT pin voltage is pulled down to VSS due to combined resistance (RLOW = 3.0 k
Ω typ.) of the
discharge shunt circuit and the feedback resistors, and a load.
VSS
ON / OFF
VIN
Figure 21


Similar Part No. - S-19214

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-E6T1U ABLIC-S-19212B25A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E8T1U SII-S-19212B25A-E8T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19214

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com