Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19200A Datasheet(PDF) 17 Page - ABLIC Inc.

Part # S-19200A
Description  AUTOMOTIVE, 105°C OPERATION, 50 V INPUT, 200 mA VOLTAGE REGULATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19200A Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S-19200A Datasheet HTML 13Page - ABLIC Inc. S-19200A Datasheet HTML 14Page - ABLIC Inc. S-19200A Datasheet HTML 15Page - ABLIC Inc. S-19200A Datasheet HTML 16Page - ABLIC Inc. S-19200A Datasheet HTML 17Page - ABLIC Inc. S-19200A Datasheet HTML 18Page - ABLIC Inc. S-19200A Datasheet HTML 19Page - ABLIC Inc. S-19200A Datasheet HTML 20Page - ABLIC Inc. S-19200A Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AUTOMOTIVE, 105°C OPERATION, 50 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-19200A/BxxH Series
17
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 2.0 V
1. 2 VOUT = 5.0 V
0.0
2.5
2.0
1.5
1.0
0.5
100 200 300 400 500 600 700 800
0
IOUT [mA]
VIN = 4.0 V
VIN = 3.0 V
VIN = 13.5 V
100 200 300 400 500 600 700 800
0
6
3
2
1
4
5
0
IOUT [mA]
VIN = 5.5 V
VIN = 7.0 V
VIN = 6.0 V
VIN = 13.5 V
1. 3 VOUT = 12.0 V
0
14
100 200 300 400 500 600 700 800
0
IOUT [mA]
12
10
8
6
4
2
VIN = 13.0 V
VIN = 12.5 V
VIN = 13.5 V
Remark In determining the output current, attention should
be paid to the following.
1. The minimum output current value and
footnote *4 of Table 8 in " Electrical
Characteristics"
2. Power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 2.0 V
2. 2 VOUT = 5.0 V
1.5
2.2
30
0
VIN [V]
510
15
20
25
2.1
2.0
1.9
1.8
1.7
1.6
IOUT = 0.1 mA
IOUT = 30 mA
IOUT = 100 mA
5
1015202530
0
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
VIN [V]
IOUT = 0.1 mA
IOUT = 30 mA
IOUT = 100 mA
2. 3 VOUT = 12.0 V
11.0
12.4
30
10
VIN [V]
12.2
12.0
11.8
11.6
11.4
11.2
25
20
15
IOUT = 0.1 mA
IOUT = 30 mA
IOUT = 100 mA


Similar Part No. - S-19200A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33H-E6T1U SII-S-19200A33H-E6T1U Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33H-V5T2U SII-S-19200A33H-V5T2U Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A50A-V5T2U SII-S-19200A50A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19200A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1313XXXH ABLIC-S-1313XXXH Datasheet
889Kb / 49P
   105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
   105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com