Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2088BCW-1C Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088BCW-1C
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088BCW-1C Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088BCW-1C Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088BCW-1C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2088BCW-1C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088BCW-1C-Manual-Rev0.2.DOC
Page: 4 of 9
1.4
Terminal Functions
Pin No.
I/O
Descriptions
K6
Pin
Name
1
FLM
Input
First Line Marker
2
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
3
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
4
M
Input
AC signal input for LCD driving waveform
5
V0
Input
LCD Contrast Reference input
6
VDD
Power
Positive Power Supply
7
VSS
Power
0V Power Supply, GND
8
VEE
Input
Negative Power Supply for Driving LCD.(V0-VEE≥2.0V)
9
D0
Input
Display Data
10
D1
Input
Display Data
11
D2
Input
Display Data
12
D3
Input
Display Data
13
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
14
NC
NC
No connection, leave open
15
BLA
Power
LED Backlight Positive Supply
16
BLK
Power
LED Backlight Negative Supply
1.5 Touch Panel Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
YD
Passive
Down Side sense Terminal
2
XL
Passive
Left Side sense Terminal
3
YU
Passive
Up Side sense Terminal
4
XR
Passive
Right Side sense Terminal


Similar Part No. - LM2088BCW-1C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2088BCW-1 TOPWAY-LM2088BCW-1 Datasheet
365Kb / 9P
   LCD Module User Manual
More results

Similar Description - LM2088BCW-1C

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com