Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2088AFW Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part No. LM2088AFW
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Homepage  http://www.topwaysz.com/en/home.php
Logo 

LM2088AFW Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2088AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088AFW-Manual-Rev0.3
Page: 6 of 9
3.3
AC Characteristics
VSS=0V, TOP=25°C
VDD=5.0V
VDD=3.3V
Item
Symbol
MIN.
MAX.
MIN.
MAX.
Unit
Shift clock period (*1)
twck
90
-
160
-
ns
Shift clock “H” pulse width
twckh
30
-
64
-
ns
Shift clock “L” pulse width
twckl
30
-
64
-
ns
SEG Data set-up time
tds
13
-
38
-
ns
SEG Data hold time
tdh
13
-
50
-
ns
Latch pulse “H” pulse width
twlph
30
-
64
-
ns
Shift clock rise to latch pulse rise time
tld
9
-
9
-
ns
Shift clock fall to latch pulse fall time
tsl
32
-
64
-
ns
Latch pulse rise to shift clock rise time
tls
32
-
64
-
ns
Latch pulse fall to shift clock fall time
tlh
32
-
64
-
ns
Rise time
tr
-
40
-
40
ns
Fall time
tf
-
40
-
40
ns
/DISPOFF removal time
tsd
125
-
125
-
ns
/DISPOFF “L” pulse width
twdl
1500
-
1500
-
ns
COM Data setup time
tsu
38
-
38
-
ns
COM Data hold time
th
63
-
63
-
ns
Note: *1. tr, tf < 9ns
Interface Timing Digram


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn