Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2088AFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part No. LM2088AFW
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Homepage  https://www.topwaydisplay.com
Logo 

LM2088AFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2088AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088AFW-Manual-Rev0.3
Page: 4 of 9
1.4
Terminal Functions
Pin
No.
K8,K9,K10
K6
Pin
Name
I/O
Descriptions
1
9
D0
Input
Display Data
2
10
D1
Input
Display Data
3
11
D2
Input
Display Data
4
12
D3
Input
Display Data
5
13
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
6
1
FLM
Input
First Line Marker
7
4
M
Input
AC Signal input for LCD driving waveform
8
2
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
9
3
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
10
6
VDD
Power Positive Power Supply
11
7
VSS
Power 0V Power Supply, GND
12
8
VOUT
Input
Power Booster output for V0
13
5
V0
NC
LCD Contrast Reference input
14
-
FG
Power Frame Ground, Connected to VSS
15
15
BLA
Power Positive Power Supply for LED backlight
16
16
BLK
Power Negative Power Supply for LED backlight
-
14
NC
NC
NC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn