Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2068R-4 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2068R-4
Description  LCD Module User Manual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068R-4 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068R-4 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R-4 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LM2068R-4
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068R-4-Manual-Rev0.2
Page: 4 of 12
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference Input
4
/WR
Input
Write enable input, active LOW
5
/RD
Input
Read enable input, active LOW
6
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
7
RS
Input
Register Select
RS=HIGH: data on DB0 to DB7 is display data
RS=LOW: data on DB0 to DB7 is control data
8
/RST
Input
Reset Signal:
/RST = L, Reset the LCD Module
/RST = H, Normal Running
9
DB0
:
:
16
DB7
I/O
8-bit bi-directional data bus
17
BUSY
OUTPUT Controller busy signal,
MCU should poll this signal before accessing the LCD module
18
VOUT
Power
Power Booster Output for V0
19
BLA
Power
Positive Power Supply for LED backlight
20
BLK
Power
Negative Power Supply for LED backlight
Note: For enable BUSY output, the REG[A0] D0, D1, D2 or D3 should be set to hi.


Similar Part No. - LM2068R-4

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2068R-4 TOPWAY-LM2068R-4 Datasheet
779Kb / 12P
   LCD Module User Manual
LM2068R-4 TOPWAY-LM2068R-4_V01 Datasheet
779Kb / 12P
   LCD Module User Manual
More results

Similar Description - LM2068R-4

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com