Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LM2068N-2 Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part No. LM2068N-2
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Homepage  http://www.topwaysz.com/en/home.php
Logo 

LM2068N-2 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068N-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068N-2-Manual-Rev0.3.DOC
Page: 3 of 9
1. Basic Specifications
1.1
Display Specifications
1) LCD Display Mode
: FSTN, Positive, Transflective
2) Display Color
: Display Data = “1” : Dark Gray (*1)
: Display Data = “0” : Light Gray (*2)
3) Viewing Angle
: 9 H
4) Driving Method
: 1/240 duty, 1/12 bias
5) Backlight
: White LED backlight
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.2
Mechanical Specifications
1) Outline Dimension
: 99.5 x 71.1 x 9.0 MAX. (exclude FFC terminal)
see attached Outline Drawing for details
1.3
Block Diagram
320 x 240 pixels
LCD Panel
S6B0794
or equivalent
/DISPOFF
D0~D3
M
CP
LP
S6B0794
or equivalent
COM1
:
COM160
COM161
:
COM240
Power Circuit
FLM
VEE, V0
VDD,VSS
BLA,BLK
Backlight Circuit


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn