Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2519W Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT2519W
Description  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2519W Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT2519W Datasheet HTML 1Page - Richtek Technology Corporation RT2519W Datasheet HTML 2Page - Richtek Technology Corporation RT2519W Datasheet HTML 3Page - Richtek Technology Corporation RT2519W Datasheet HTML 4Page - Richtek Technology Corporation RT2519W Datasheet HTML 5Page - Richtek Technology Corporation RT2519W Datasheet HTML 6Page - Richtek Technology Corporation RT2519W Datasheet HTML 7Page - Richtek Technology Corporation RT2519W Datasheet HTML 8Page - Richtek Technology Corporation RT2519W Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT2519W
5
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Enable Voltage
Enable Threshold
Voltage
VIH
VEN rising
2.2V
 VIN  6V,
ROUT = 1k
1.2
--
--
V
VIL
VEN falling, ROUT = 1k
--
--
0.4
Enable Input Current
IIH
VIN = 6V, VEN = 6V
--
0.02
1
A
Feedback Input Current IFB
VIN = 5.5V, VFB = 0.8V
--
0.02
1
A
Current Limit
Output Current Limit
ILIM
VIN = 3.3V, VOUT = 0.85 x VOUT
1.1
1.4
2
A
Power-Up Time
Power-Up Time
VOUT = 3.3V,
ROUT = 3.3k,
COUT = 4.7F
CNR = 1nF
--
0.16
--
ms
CNR = 10nF
--
1.6
--
Dropout Voltage
Dropout Voltage
VDROP
VOUT + 0.5V  VIN  6V,
VFB = 0V
VIN  2.2V,
IOUT = 500mA
--
--
160
mV
VIN  2.5V,
IOUT = 750mA
--
--
210
VIN  2.5V,
IOUT = 1A
--
--
370
Power Supply Ripple Rejection and Noise
Power Supply Ripple
Rejection
PSRR
VIN = 4.3V, VOUT = 3.3V,
IOUT = 750mA
f = 100Hz
--
48
--
dB
f = 1kHz
--
63
--
f = 10kHz
--
63
--
f = 1MHz
--
38
--
Output Noise Voltage
BW = 100Hz to 100kHz,
VIN = 4.3V, VOUT = 3.3V,
IOUT = 100mA
CNR = 1nF
--
15.6 x
VOUT
--
VRMS
CNR = 10nF
--
15.6 x
VOUT
--
CNR = 0.1F
--
15.1 x
VOUT
--
Over-Temperature Protection
Thermal Shutdown
TSD
--
160
--
°C
Thermal Shutdown
Recovery
--
140
--


Similar Part No. - RT2519W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT2512 ETC1-RT2512 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512BKA07XRXXL YAGEO-RT2512BKA07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT2519W

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
   Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com