Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE13009 Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # PHE13009
Description  Silicon Diffused Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13009 Datasheet(HTML) 2 Page - WeEn Semiconductors

  PHE13009 Datasheet HTML 1Page - WeEn Semiconductors PHE13009 Datasheet HTML 2Page - WeEn Semiconductors PHE13009 Datasheet HTML 3Page - WeEn Semiconductors PHE13009 Datasheet HTML 4Page - WeEn Semiconductors PHE13009 Datasheet HTML 5Page - WeEn Semiconductors PHE13009 Datasheet HTML 6Page - WeEn Semiconductors PHE13009 Datasheet HTML 7Page - WeEn Semiconductors PHE13009 Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WeEn Semiconductors
Product data sheet
Silicon Diffused Power Transistor
PHE13009
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES,ICBO
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
5.0
mA
T
j = 125 ˚C
I
CEO
Collector cut-off current
V
CEO = VCEOMmax (400V)
-
-
0.1
mA
I
EBO
Emitter cut-off current
V
EB = 9 V; IC = 0 A
-
-
1
mA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 10 mA;
400
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 5.0 A;IB = 1.0 A
-
0.32
1.0
V
I
C = 8.0 A;IB = 1.6 A
-
-
2.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 5.0 A;IB = 1.0 A
-
1.0
1.3
V
I
C = 8.0 A;IB = 1.6 A
-
1.1
1.6
V
h
FE
DC current gain
I
C = 5.0 A; VCE = 5 V
8
-
40
h
FEsat
I
C = 8.0 A; VCE = 5 V
6
-
30
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (resistive load)
I
Con = 5 A; IBon = -IBoff = 1 A;
R
L = 75 ohms; VBB2 = 4 V;
t
s
Turn-off storage time
2.2
3.3
µs
t
f
Turn-off fall time
0.26
0.7
µs
Switching times (inductive load)
I
Con = 5 A; IBon = 1 A; LB = 1 µH;
-V
BB = 5 V
t
s
Turn-off storage time
1.35
2.3
µs
t
f
Turn-off fall time
0.1
0.5
µs
Switching times (inductive load)
I
Con = 5A; IBon = 1 A; LB = 1 µH;
-V
BB = 5 V; Tj = 100 ˚C
t
s
Turn-off storage time
-
3.2
µs
t
f
Turn-off fall time
-
0.9
µs
1 Measured with half sine-wave voltage (curve tracer).
March
2018
2
Rev 1.
100


Similar Part No. - PHE13009

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13009 PHILIPS-PHE13009 Datasheet
59Kb / 7P
   Silicon Diffused Power Transistor
March 1999 Rev 1.000
More results

Similar Description - PHE13009

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com