Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE13005X Datasheet(PDF) 3 Page - WeEn Semiconductors

Part No. PHE13005X
Description  Silicon diffused power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

PHE13005X Datasheet(HTML) 3 Page - WeEn Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
WeEn Semiconductors
PHE13005X
Silicon diffused power transistor
PHE13005X
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
26 April 2018
3 / 13
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Values
Unit
VCESM
collector-emitter
peak voltage
VBE = 0 V
700
V
VCBO
collector-base voltage
IE = 0 A
700
V
VCEO
collector-emitter voltage
IB = 0 A
400
V
IC
collector current
DC; Fig. 1; Fig. 2; Fig. 3
4
A
ICM
peak collector current
8
A
IB
base current
2
A
IBM
peak base current
4
A
Ptot
total power dissipation
Th ≤ 25 °C; Fig. 4
26
W
Tstg
storage temperature
-65 to 150
°C
Tj
junction temperature
150
°C
VCL(CE) ≤ 1000V; VCC = 150 V; VBB = - 5 V;
LC = 200 μH; LB = 1 μH
Fig. 2. Test circuit for reverse bias safe operating area
Tj = Tj (max) °C
Fig. 1. Reverse bias safe operating area


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn