Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHE13005X Datasheet(PDF) 10 Page - WeEn Semiconductors

Part No. PHE13005X
Description  Silicon diffused power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEEN [WeEn Semiconductors]
Homepage  http://www.ween-semi.com
Logo 

PHE13005X Datasheet(HTML) 10 Page - WeEn Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WeEn Semiconductors
PHE13005X
Silicon diffused power transistor
PHE13005X
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
26 April 2018
10 / 13
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT186A
3-lead TO-220F
05
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
A
A1
Q
c
K
j
Notes
1. Terminal dimensions within this zone are uncontrolled.
2. Both recesses are
2.5 × 0.8 max. depth
D
D1
L
L2
L1
b1
b2
e1
e
b
w M
123
q
E
P
T
UNIT
D
b1
D1
eq
Q
P
L
c
L2
(1)
max.
e1
A
5.08
3
mm
4.6
4.0
A1
2.9
2.5
b
0.9
0.7
1.1
0.9
b2
1.4
1.0
0.7
0.4
15.8
15.2
6.5
6.3
E
10.3
9.7
2.54
14.4
13.5
T
(2)
2.50.4
L1
3.30
2.79
j
2.7
1.7
K
0.6
0.4
2.6
2.3
3.0
2.6
w
3.2
3.0
DIMENSIONS (mm are the original dimensions)
02-04-09
06-02-14
mounting
base
11. Package outline


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn