Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169A-12AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C09169A-12AC
Description  8K/16K x 9 Synchronous Dual-Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169A-12AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C09169A-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 11Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C09159A
CY7C09169A
Document #: 38-06047 Rev. *A
Page 8 of 17
Switching Waveforms
Read Cycle for Flow-Through Output (FT/PIPE = VIL)
[9, 10, 11, 12]
Read Cycle for Pipelined Operation (FT/PIPE = VIH)
[9, 10, 11, 12]
Notes:
9.
OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
10. ADS = VIL, CNTEN and CNTRST = VIH.
11. The output is disabled (high-impedance state) by CE0=VIH or CE1 = VIL following the next rising edge of the clock.
12. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK. Numbers are for reference only.
tCH1
tCL1
tCYC1
tSC
tHC
tDC
tOHZ
tOE
tSC
tHC
tSW
tHW
tSA
tHA
tCD1
tCKHZ
tDC
tOLZ
tCKLZ
An
An+1
An+2
An+3
Qn
Qn+1
Qn+2
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
tCH2
tCL2
tCYC2
tSC
tHC
tSW
tHW
tSA
tHA
An
An+1
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
An+2
An+3
tSC
tHC
tOHZ
tOE
tOLZ
tDC
tCD2
tCKLZ
Qn
Qn+1
Qn+2
1 Latency


Similar Part No. - CY7C09169A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169AV CYPRESS-CY7C09169AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV CYPRESS-CY7C09169AV Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AI CYPRESS-CY7C09169AV-12AI Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09169A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com