Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169A-12AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C09169A-12AC
Description  8K/16K x 9 Synchronous Dual-Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169A-12AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C09169A-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09169A-12AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY7C09159A
CY7C09169A
Document #: 38-06047 Rev. *A
Page 6 of 17
AC Test Loads (Applicable to -6 only)[8]
Note:
8.
Test Conditions: C = 10 pF.
AC Test Loads
(a) Normal Load (Load 1)
R1 = 893
5V
OUTPUT
R2 = 347
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 893
R2 = 347
5V
OUTPUT
C= 5pF
RTH = 250Ω
(Used for tCKLZ, tOLZ, & tOHZ
including scope and jig)
VTH =1.4V
OUTPUT
C
(a) Load 1 (-6 only)
R = 50
Z0 = 50Ω
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
0. 00
0. 1 0
0. 20
0. 30
0. 40
0. 50
0. 60
0. 70
0. 80
0. 90
1. 00
1 0
1 5
20
25
30
35
(b) Load Derating Curve
Capacitance (pF)


Similar Part No. - CY7C09169A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169AV CYPRESS-CY7C09169AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV CYPRESS-CY7C09169AV Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AI CYPRESS-CY7C09169AV-12AI Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09169A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com