Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10188 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MC10188
Description  Hex Buffer With Enable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC10188 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10188
3–153
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
46
42
46
mAdc
Input Current
IinH
5
425
265
265
µAdc
IinH
9
460
290
290
µAdc
Output Voltage
Logic 1
VOH
2
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
1.1
1.0
3.9
3.3
1.1
1.0
3.5
2.9
1.1
1.0
3.9
3.3
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
1.1
3.7
1.1
3.3
1.1
3.7
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
5
8
1, 16
IinH
9
9
8
1, 16
Output Voltage
Logic 1
VOH
2
5
8
1, 16
Output Voltage
Logic 0
VOL
2
9
8
1, 16
Threshold Voltage
Logic 1
VOHA
2
5
8
1, 16
Threshold Voltage
Logic 0
VOLA
2
5
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Enable
Data
tPHL
tPLH
2
2
9
5
2
2
8
8
1, 16
1, 16
Rise/Fall Time
(20 to 80%)
tTLH
tTHL
2
5
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn