Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4F170411C Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. K4F170411C
Description  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F170411C Datasheet(HTML) 5 Page - Samsung semiconductor

  K4F170411C Datasheet HTML 1Page - Samsung semiconductor K4F170411C Datasheet HTML 2Page - Samsung semiconductor K4F170411C Datasheet HTML 3Page - Samsung semiconductor K4F170411C Datasheet HTML 4Page - Samsung semiconductor K4F170411C Datasheet HTML 5Page - Samsung semiconductor K4F170411C Datasheet HTML 6Page - Samsung semiconductor K4F170411C Datasheet HTML 7Page - Samsung semiconductor K4F170411C Datasheet HTML 8Page - Samsung semiconductor K4F170411C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
K4F170411C, K4F160411C
CMOS DRAM
K4F170412C, K4F160412C
CAPACITANCE (TA=25
°C, VCC=5V or 3.3V, f=1MHz)
Parameter
Symbol
Min
Max
Units
Input capacitance [A0 ~ A11]
CIN1
-
5
pF
Input capacitance [RAS, CAS, W, OE]
CIN2
-
7
pF
Output capacitance [DQ0 - DQ3]
CDQ
-
7
pF
Test condition (5V device) : VCC=5.0V
±10%, Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V
Parameter
Symbol
-50
-60
Units
Notes
Min
Max
Min
Max
Random read or write cycle time
tRC
90
110
ns
Read-modify-write cycle time
tRWC
133
155
ns
Access time from RAS
tRAC
50
60
ns
3,4,10
Access time from CAS
tCAC
13
15
ns
3,4,5
Access time from column address
tAA
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
0
0
ns
3
Output buffer turn-off delay
tOFF
0
13
0
15
ns
6
Transition time (rise and fall)
tT
3
50
3
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
13
15
ns
CAS hold time
tCSH
50
60
ns
CAS pulse width
tCAS
13
10K
15
10K
ns
RAS to CAS delay time
tRCD
20
37
20
45
ns
4
RAS to column address delay time
tRAD
15
25
15
30
ns
10
CAS to RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
10
10
ns
Column address to RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
ns
8
Read command hold time referenced to RAS
tRRH
0
0
ns
8
Write command hold time
tWCH
10
10
ns
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
13
15
ns
AC CHARACTERISTICS (0
°C≤TA≤70°C, See note 1,2)
Test condition (3.3V device) : VCC=3.3V
±0.3V, Vih/Vil=2.0/0.8V, Voh/Vol=2.0/0.8V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
K4F170411D 4M x 4Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F660412D 16M x 4bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM44C1000D 1M x 4Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM44C4000C 4M x 4Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
A418316 256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More AMIC Technology
V53C16256SH 256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH 1  2  3  4  5  More Mosel Vitelic, Corp
GLT44108 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More List of Unclassifed Manufacturers
KM44C256A 256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416V4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn