Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC103D1 Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # EC103D1
Description  SCR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

EC103D1 Datasheet(HTML) 1 Page - WeEn Semiconductors

  EC103D1 Datasheet HTML 1Page - WeEn Semiconductors EC103D1 Datasheet HTML 2Page - WeEn Semiconductors EC103D1 Datasheet HTML 3Page - WeEn Semiconductors EC103D1 Datasheet HTML 4Page - WeEn Semiconductors EC103D1 Datasheet HTML 5Page - WeEn Semiconductors EC103D1 Datasheet HTML 6Page - WeEn Semiconductors EC103D1 Datasheet HTML 7Page - WeEn Semiconductors EC103D1 Datasheet HTML 8Page - WeEn Semiconductors EC103D1 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1. General description
Planar passivated ultra sensitive gate Silicon Controlled Rectifier in a SOT54 (T0-92)
plastic package.
2. Features and benefits
Planar passivated for voltage ruggedness and reliability
Ultra sensitive gate
3. Applications
Electronic ballasts
Safety shut down and protection circuits
Sensing circuits
Smoke detectors
Switched Mode Power Supplies
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
400
V
VRRM
repetitive peak reverse
voltage
-
-
400
V
ITSM
non-repetitive peak on-
state current
half sine wave; Tj(init) = 25 °C;
tp = 10 ms; Fig. 4; Fig. 5
-
-
8
A
IT(AV)
average on-state
current
half sine wave; Tlead ≤ 92 °C; Fig. 1
-
-
0.5
A
IT(RMS)
RMS on-state current
half sine wave; Tlead ≤ 92 °C; Fig. 2;
Fig. 3
-
-
0.8
A
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 10 mA; Tj = 25 °C;
Fig. 7
-
3
12
µA
EC103D1
SCR
17 August 2018
Product data sheet


Similar Part No. - EC103D1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103D1 LITTELFUSE-EC103D1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
NXP Semiconductors
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
EC103D1 NXP-EC103D1 Datasheet
78Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
List of Unclassifed Man...
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - EC103D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com