Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW29EX Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BYW29EX
Description  Rectifier diodes ultrafast, rugged
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYW29EX Datasheet(HTML) 5 Page - WeEn Semiconductors

  BYW29EX Datasheet HTML 1Page - WeEn Semiconductors BYW29EX Datasheet HTML 2Page - WeEn Semiconductors BYW29EX Datasheet HTML 3Page - WeEn Semiconductors BYW29EX Datasheet HTML 4Page - WeEn Semiconductors BYW29EX Datasheet HTML 5Page - WeEn Semiconductors BYW29EX Datasheet HTML 6Page - WeEn Semiconductors BYW29EX Datasheet HTML 7Page - WeEn Semiconductors BYW29EX Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYW29EX series
ultrafast, rugged
Fig.7. Maximum t
rr at Tj = 25 ˚C.
Fig.8. Maximum I
rrm at Tj = 25 ˚C.
Fig.9. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.10. Maximum Q
s at Tj = 25 ˚C.
Fig.11. Transient thermal impedance; Z
th j-hs = f(tp).
1
10
trr / ns
1
10
100
1000
100
dIF/dt (A/us)
IF=1A
IF=10A
10
1.0
1.0
10
100
-dIF/dt (A/us)
Qs / nC
IF=10A
5A
2A
1A
100
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYW29F/EX
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
0
1
2
30
20
10
0
typ
max
IF / A
0.5
1.5
VF / V
Tj=150 C
Tj=25 C
BYW29
September 2018
4
Rev 1.
300


Similar Part No. - BYW29EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW29EX PHILIPS-BYW29EX Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-150 PHILIPS-BYW29EX-150 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-200 PHILIPS-BYW29EX-200 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
More results

Similar Description - BYW29EX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com