Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW29E-200 Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BYW29E-200
Description  Ultrafast power diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYW29E-200 Datasheet(HTML) 5 Page - WeEn Semiconductors

  BYW29E-200 Datasheet HTML 1Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 2Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 3Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 4Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 5Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 6Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 7Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 8Page - WeEn Semiconductors BYW29E-200 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
WeEn Semiconductors
BYW29E-200
Ultrafast power diode
BYW29E-200
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
4 June 2018
5 / 10
10. Characteristics
Table 7. Characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 8 A; Tj = 25 °C; Fig. 4
-
0.92
1.05
V
IF = 20 A; Tj = 25 °C; Fig. 4
-
1.1
1.3
V
IF = 8 A; Tj = 150 °C; Fig. 4
-
0.8
0.895
V
IR
reverse current
VR = 200 V; Tj = 25 °C
-
2
10
μA
VR = 200 V; Tj = 100 °C
-
0.2
0.6
mA
Dynamic characteristics
Qr
recovered charge
IF = 2 A; VR = 30 V; dIF/dt = 20 A/μs;
Tj = 25 °C; Fig. 5; Fig. 6
-
4
11
nC
trr
reverse recovery time
IF = 1 A; VR = 30 V; dIF/dt = 100 A/μs;
Tj = 25 °C; ramp recovery; Fig. 5; Fig. 7
-
20
25
ns
IF = 0.5 A; IR = 1 A; IR(meas) = 0.25 A;
Tj = 25 °C; step recovery; Fig. 8
-
15
20
ns
vFRM
forward recovery voltage IF = 1 A; dIF/dt = 10 A/μs; Tj = 25 °C;
Fig. 9
-
1
-
V
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr
(1) Tj = 150 °C; typical values
(2) Tj = 150 °C; maximum values
(3) Tj = 25 °C; maximum values
Vo = 0.791 V; Rs = 0.013 Ω
Fig. 4. Forward current as a function of forward voltage
Fig. 5. Reverse recovery definitions; ramp recovery


Similar Part No. - BYW29E-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW29E-200 PHILIPS-BYW29E-200 Datasheet
44Kb / 6P
   Rectifier diodes ultrafast, rugged
November 1998 Rev 1.300
BYW29E-200 PHILIPS-BYW29E-200 Datasheet
451Kb / 11P
   Ultrafast power diode
Rev. 5-20 March 2012
logo
Inchange Semiconductor ...
BYW29E-200 ISC-BYW29E-200 Datasheet
243Kb / 2P
   Ultra fast Rectifier
logo
NXP Semiconductors
BYW29E-200 PHILIPS-BYW29E-200_15 Datasheet
198Kb / 10P
   Ultrafast power diode
17 September 2013
More results

Similar Description - BYW29E-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
   Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
   Ultrafast power diode
24 July 2015
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
   Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
   Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
   Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
   Ultrafast power diode
BYV60W-600P WEEN-BYV60W-600P Datasheet
458Kb / 11P
   Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
   Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
   Ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com