Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM83 Datasheet(PDF) 64 Page - Microchip Technology

Part # BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 64 Page - Microchip Technology

Back Button BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
12.
Appendix A: Regulatory Approval
The BM83 module(1) has received regulatory approval for the following countries:
• Bluetooth Special Interest Group (SIG) QDID:
– BM83 with Class 1(2) : 134083
– BM83 (3) : 134099
• United States/FCC ID: 2ADHKBM83SM1
• Canada/ISED:
– IC: 20266-BM83SM1
– HVIN: BM83SM1
• Europe/CE
• Japan/MIC: TBD
• Korea/KCC: TBD
• Taiwan/NCC: TBD
• China/SRRC: CMIIT ID: TBD
Note: 
1.
Module variants (test report covers all the variants)
– BM83SM1with shield-can. FCC/ISED certificate is applicable only for BM83SM1.
– BM83AM1 without shield-can. BM83 AM1 is not for sale. FCC/ISED and CE test reports cover
BM83AM1.
2.
QDID for Class1 power level for BM83SM1, BM83AM1
3.
QDID for Class2 power level for BM83SM1, BM83AM1
12.1
United States
The BM83 module has received Federal Communications Commission (FCC) CFR47 Telecommunications, Part 15
Subpart C “Intentional Radiators” single-modular approval in accordance with Part 15.212 Modular Transmitter
approval. Single-modular transmitter approval is defined as a complete RF transmission sub-assembly, designed to
be incorporated into another device, that must demonstrate compliance with FCC rules and policies independent of
any host. A transmitter with a modular grant can be installed in different end-use products (referred to as a host, host
product, or host device) by the grantee or other equipment manufacturer, then the host product may not require
additional testing or equipment authorization for the transmitter function provided by that specific module or limited
module device.
The user must comply with all of the instructions provided by the Grantee, which indicate installation and/or operating
conditions necessary for compliance.
A host product itself is required to comply with all other applicable FCC equipment authorization regulations,
requirements, and equipment functions that are not associated with the transmitter module portion. For example,
compliance must be demonstrated: to regulations for other transmitter components within a host product; to
requirements for unintentional radiators (Part 15 Subpart B), such as digital devices, computer peripherals, radio
receivers, etc.; and to additional authorization requirements for the non-transmitter functions on the transmitter
module (i.e., Suppliers Declaration of Conformity (SDoC) or certification) as appropriate (e.g., Bluetooth and Wi-Fi
transmitter modules may also contain digital logic functions).
12.1.1
Labeling And User Information Requirements
The BM83 module has been labeled with its own FCC ID number, and if the FCC ID is not visible when the module is
installed inside another device, then the outside of the finished product into which the module is installed must display
a label referring to the enclosed module. This exterior label should use the following wording:
BM83
Appendix A: Regulatory Approval
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 64


Similar Part No. - BM83

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM83

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
   Bluetooth짰 4.1 Stereo Audio Module
2015
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
   WT32 Bluetooth짰 Audio Module?
BTM430 ETC2-BTM430 Datasheet
448Kb / 2P
   Bluetooth짰 AT Data Module
logo
Microchip Technology
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
   PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
Silicon Laboratories
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com