Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10174L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10174L
Description  Dual 4 to 1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10174L Datasheet(HTML) 1 Page - ON Semiconductor

  MC10174L Datasheet HTML 1Page - ON Semiconductor MC10174L Datasheet HTML 2Page - ON Semiconductor MC10174L Datasheet HTML 3Page - ON Semiconductor MC10174L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–122
REV 5
© Motorola, Inc. 1996
3/93
Dual 4 to 1 Multiplexer
The MC10174 is a high speed dual channel multiplexer with output
enable capability. The select inputs determine one of four active data
inputs for each multiplexer. An output enable forces both outputs low
when in the high state.
PD = 305 mW typ/pkg (No Load)
tpd = 3.5 ns typ (Data to output)
tr, tf = 2.0 ns typ (20%–80%)
D00
3
D01
5
D02
4
D03
6
A
7
B9
ENABLE 14
D10
13
D11
11
D12
12
D13
10
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
2 Q0
15 Q1
TRUTH TABLE
ENABLE
ADDRESS INPUTS
OUTPUTS
E
B
A
Q0
Q1
H
X
X
L
L
L
L
L
D00
D10
L
L
H
D01
D11
L
H
L
D02
D12
L
H
H
D03
D13
MC10174
DIP
PIN ASSIGNMENT
VCC1
Q0
DO0
DO2
DO1
DO3
A
VEE
VCC2
Q1
ENABLE
D10
D12
D11
D13
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–36 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Similar Part No. - MC10174L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10174L ONSEMI-MC10174L Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
More results

Similar Description - MC10174L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
   Dual 4-line to 1-line multiplexer
1996 Jan 05
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174 Datasheet
103Kb / 4P
   Dual 4 to Multiplexer
REV 6
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com