Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM532B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICM532B
Description  CIF Color CMOS Sensor with USB Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM532B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICM532B Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICM532B CIF Color CMOS Sensor with USB Output
Data Sheet, V 1.1 November, 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
11/21/2002
page 6
Company Confidential
over-exposed or under-exposed. To accommodate for different brightness, the user may change the
exposure time or digital gain by adjusting the AD_EXPOSE_TIMEH and AD_EXPOSE_TIMEL. The
exposure time is measured in terms of the time to read out one line of data, which is equal to 125 us
(assuming the line length is 500). If the number of lines per frame is set at 320 (the default), the
exposure time can vary from 1 to 319 lines. In addition, the user can adjust bit 7 to 5 of register
AD_EXPOSE_TIMEH to digitally boost the output value by 1 to 64 times @ 2N for all pixels.
Furthermore, users can adjust registers AD_M1_L, AD_M1_H, AD_M2_L, AD_M2_H, AD_M3_L,
AD_M3_H, AD_M4_L, AD_M4_H, to optimize the RGB gain (from 1/256 to 64) of the 4 Bayer
pattern pixels separately.
2.4. Output Format
During normal operation, the output format is 8-bit compressed data that ranges from 0 to 255. This
data is transmitted with a USB Transceiver using Isochronous packets. The video quality is related to
the size of the packets, with 1023 bytes/packet generating the highest quality image. The packets are
received, decompressed, and color processed by a host PC. A typical configuration is to connect
ICM-532B to a USB enabled PC. When operated at 24 fps CIF, the USB clock is 48 MHz and the Video
data clock is 4MHz. When operated at 30 fp, the Video data clock is 6MHz. The line and frame timing
can be adjusted through registers AD_WIDTH and AD_HEIGHT.
3. Control Registers
Registers may be configured using either the USB Command/Control Channel, or the Serial interface.
The result is unpredictable if both interfaces are used simultaneously. USB access should be made
using a Standard Vendor Type Device Request. For a write, if the Length field value is 0, the two bytes
in the Value field are written into two registers starting at the Index field value. For all other Length
field values, the data stage transfers the requested number of bytes starting from the Index field value.
The data transfer Length must not be larger than 8 bytes.
The 7-bit Serial ICM-532B device address is 0x21. ICM-532B can operate in either Serial master mode
or slave mode right after power up, depending on the pull-up or pull-down of the GPIO[1] pin. When
GPIO[1] is pulled low during power-up, ICM-102B’s Serial interface is operated as a slave device,
waiting to be controlled by an external master such as a microprocessor. When GPIO[1] is pulled high


Similar Part No. - ICM532B

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ICM50000 REDLION-ICM50000 Datasheet
635Kb / 4P
   MODEL ICM5 ??THREE WAY ISOLATED SERIAL CONVERTER MODULE
logo
List of Unclassifed Man...
ICM515NB ETC1-ICM515NB Datasheet
440Kb / 25P
   Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
More results

Similar Description - ICM532B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
logo
Pixart Imaging Inc.
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
Sharp Corporation
LZ0P3820 SHARP-LZ0P3820 Datasheet
1Mb / 25P
   l/7-type lens-integrated CMOS Color Area Sensor for CIF
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com