Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM532B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. ICM532B
Description  CIF Color CMOS Sensor with USB Output
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM532B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICM532B CIF Color CMOS Sensor with USB Output
Data Sheet, V 1.1 November, 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
11/21/2002
page 4
Company Confidential
1. Pin Assignments
Pin #
Name
Class
Function
36
DN
B,IO
USB D- connection
37
DP
B,IO
USB D+ connection
40
XIN
A,I
6 MHz Crystal Input
39
XOUT
A,O
6 MHz Crystal Output
3,5,34
Reserved
D,O
Leave Unconnected
44
Test
D, I, N
Leave Unconnected
2
Clock_S
D, IO
Serial clock, for external serial EEPROM
1
Data_S
D, IO
Serial data, for external serial EEPROM
16
RSET
A,I
Resistor to Ground = 75
ΚΩ
ΚΩ
ΚΩ
ΚΩ
8
RSTN
D,SI,U
Chip Reset, active low
15
RAMP
A,O
Analog Test Output
46
GPIO 0
D,IO
User Programmable I/O, Requires External Pull-up
47
GPIO 1
D,IO
User Programmable I/O, Requires External Resistor
48
GPIO 2
D,IO
User Programmable I/O, Requires External Pull-up
10
GPIO 3
D,IO
User Programmable I/O
11
GPIO 4
D,IO
User Programmable I/O
12
GPIO 5
D,IO
User Programmable I/O
13
GPIO 6
D,IO
User Programmable I/O
14
GPIO 7
D,IO
User Programmable I/O
7,27,31
VDDA
P
Sensor & PLL Analog Power
9,28,30
GNDA
P
Sensor & PLL Analog Ground
19
VDDD
P
Sensor Digital Power
17
GNDD
P
Sensor Digital Ground
4,26,33,
38,41,43
VDDK
P
Digital Power
6,29,32,
35,42,45
GNDK
P
Digital Ground
18
GNDS
P
Substrate Ground
Class Code: A – Analog signal, D – Digital signal, I – Input, SI – Schmitt Input, O – Output, IO – Bidirectional, P – Power or
ground, U – Internal pull-up, N – Internal pull-down, B – USB Pad
2. Functional Description
ICM-532B is a single-chip USB digital color imaging device. It includes a 352x288 sensor array, 352
column–level ADC, and correlated double sampling circuitry. All the programmable parameters are set
by writing through the USB interface which can address the register file consisting of 8-bit registers.
The internal CIF image sensor is based upon the ICM-102B. The output format is USB 1.1 compatible
compressed video data using a single ISOCHRONOUS channel. Dead pixels and dead columns are


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LZ0P3820l/7-type lens-integrated CMOS Color Area Sensor for CIF 1 2 3 4 5 MoreSharp Electrionic Components
HDCS1000Integrated CMOS Image Sensor with Digital Output and Timing Controller 1 2 Agilent(Hewlett-Packard)
PAS106BCIF COLOR CMOS IMAGE SENSOR 1 2 List of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
LZ34C101/4-type Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM320T3.2 Megapixel QXGA Digital Color CMOS Image Sensor 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn