Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM532B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ICM532B
Description  CIF Color CMOS Sensor with USB Output
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM532B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICM532B CIF Color CMOS Sensor with USB Output
Data Sheet, V 1.1 November, 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
11/21/2002
page 2
Company Confidential
Features
CIF format (352x288) pixels, used with 1/7” optical system.
QVGA format (320x240) pixels, used with 1/7” optical system
QCIF format (176x144) pixels, cropped or subsampled, up to 37.5 fps.
Progressive readout
Output data format: compressed 8-bit raw data
Image processing and decompression supported with proprietary software. Image processing functions
include color interpolation, color correction, auto white balance, auto exposure, auto anti-flickering, and
sharpening.
Proprietary data compression
Input/Output interface: USB 1.1 Full Speed
Electronic exposure control
On-chip 9-bit ADC
Correlated double sampling
Dead pixel and dead column removal
Power down/Suspend mode
8 User Programmable GPIO pins
Optional 3.3V Serial EEPROM register loading during power-up (24C02/04/08/16)
Automatic optical black compensation
Mirror image
Single 3.3 V power supply
Key Parameters
Number of Active Pixels: up to 352x288
Number of Physical Pixels: 362x298
Frame Rate: up to 30 fps ( 35 fps QCIF )
Pixel Size: 6.0
µm x 6.0 µm
Sensor Area: 2.2 mm x 1.8 mm
Single Crystal Frequency: 6 MHz
Exposure Time: 125
µs (@ 25 fps, 1 line) ~ 8 s (@ 12 fps)
Sensitivity: 1.0 V/lux-sec (555 nm)
Quantum Efficiency: 38 % (555 nm)
Dynamic Range: 53 dB (analog), 48 dB (digital)
Fill Factor: 36%
S/N Ratio: 45 dB @ 75% full signal level
Sensitive to infrared illumination source
Digital Gain: 1 ~ 64 x @ 2N for all pixels
RGB Gain: 1/256 ~ 64 x for individual Bayer pattern pixels
Power Supply: 3.3 V
Power consumption: 130mW typ.
Packages: SPLCC48


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LZ0P3820l/7-type lens-integrated CMOS Color Area Sensor for CIF 1 2 3 4 5 MoreSharp Electrionic Components
HDCS1000Integrated CMOS Image Sensor with Digital Output and Timing Controller 1 2 Agilent(Hewlett-Packard)
PAS106BCIF COLOR CMOS IMAGE SENSOR 1 2 List of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
LZ34C101/4-type Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM320T3.2 Megapixel QXGA Digital Color CMOS Image Sensor 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn