Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405E Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6405E
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405E Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6405E Datasheet HTML 7Page - Torex Semiconductor XC6405E Datasheet HTML 8Page - Torex Semiconductor XC6405E Datasheet HTML 9Page - Torex Semiconductor XC6405E Datasheet HTML 10Page - Torex Semiconductor XC6405E Datasheet HTML 11Page - Torex Semiconductor XC6405E Datasheet HTML 12Page - Torex Semiconductor XC6405E Datasheet HTML 13Page - Torex Semiconductor XC6405E Datasheet HTML 14Page - Torex Semiconductor XC6405E Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 CA / CD / CE / CH Series
Ta=25
OC
SWITCH
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V.
(NOTE 9) VD Supply Current = Supply Current when VEN=VSS
(NOTE 10) VD Output Current = Sink Current during detection.
(NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
0.10
µA
2
EN "Low" Level Current
IEN L
VIN=VROUT(T)+1.0V, VEN=VSS
-0.10
0.10
µA
2
EN "High" Level Current
(CE /CH Series)
IEN H
VEN=VIN=VROUT(T)+1.0V
-0.10
20
µA
2
EN "High" Level Current
(CA / CD Series)
IEN H
VEN=VIN=VROUT(T)+1.0V
-0.10
1
EN "Low" Level Voltage
VEN L
0.25
V
1
UNITS
CIRCUIT
EN "High" Level Voltage
VEN H
1.6
VIN
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
Semiconductor Ltd.
Data Sheet
11


Similar Part No. - XC6405E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405 TOREX-XC6405 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE82MR TOREX-XC6405DE82MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE83MR TOREX-XC6405DE83MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com