Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C8M32MD2A-25BCN Datasheet(PDF) 32 Page - Alliance Semiconductor Corporation

Part # AS4C8M32MD2A-25BCN
Description  8M x 32 Mobile LPDDR2 Synchronous DRAM (SDRAM)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M32MD2A-25BCN Datasheet(HTML) 32 Page - Alliance Semiconductor Corporation

Back Button AS4C8M32MD2A-25BCN Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C8M32MD2A-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Table 28. Absolute Maximum Rating
Symbol
Parameter
Values
Unit
Note
VIN, VOUT
Voltage on any I/O relative to VSS
-0.4~1.6
V
VDD1
VDD1 supply voltage relative to VSS
-0.4~2.3
V
2
VDD2
VDD2 supply voltage relative to VSS
-0.4~1.6
V
2
VDDCA
VDDCA supply voltage relative to VSSCA
-0.4~1.6
V
2,4
VDDQ
VDDQ supply voltage relative to VSSQ
-0.4~1.6
V
2,3
TSTG
Storage Temperature
-55~125
°C
5
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. See “Power-Ramp” in section “Power-Up and Initialization” for relationships between power supplies.
3. VREFCA 0.6 ≦ VDDCA; however, VREFCA may be ≧ VDDCA provided that VREFCA ≦ 300mV.
4. VREFDQ 0.6 ≦ VDDQ; however, VREFDQ may be ≧ VDDQ provided that VREFDQ ≦ 300mV.
5. Storage Temperature is the case surface temperature on the center/top side of the LPDDR2 device. For the
measurement conditions, please refer to JESD51-2 standard.
Table 29. Operating Temperature Condition
Symbol
Parameter
Values
Unit
Note
TOPER
Operating Temperature Range
-25~85
°C
Notes:
1. Operating temperature is the case surface temperature at the center of the top side of the device.
2. Either the device operating temperature or the temperature sensor can be used to set an appropriate refresh
rate, determine the need for AC timing derating, and/or monitor the operating temperature. When using the
temperature sensor, the actual device case temperature may be higher than the TCASE rating that applies for
the operating temperature range. For example, TCASE could be above 85˚C when the temperature sensor
indicates a temperature of less than 85˚C.
Table 30. Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
VDD1 (DC)
Core power 1
1.7
1.8
1.95
V
1
VDD2 (DC)
Core power 2
1.14
1.2
1.3
V
VDDCA (DC)
Input buffer power
1.14
1.2
1.3
V
VDDQ (DC)
I/O buffer power
1.14
1.2
1.3
V
IL
Input leakage current
-2
-
2
A
2
IVREF
VREF supply leakage current
-1
-
1
A
3
Notes:
1. VDD1 uses significantly less power than VDD2.
2. The minimum limit requirement is for testing purposes. The leakage current on VREFCA and VREFDQ pins should
be minimal.
3. Although DM is for input only, the DM leakage shall match the DQ and DQS/DQS# output leakage specification.
AS4C8M32MD2A-25BCN
Confidential
- 32 of 75 -
Rev.1.0 Jun. 2018


Similar Part No. - AS4C8M32MD2A-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M32MD2A-25BPCN ALSC-AS4C8M32MD2A-25BPCN Datasheet
1Mb / 75P
   8M x 32 Mobile LPDDR2 Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C8M32MD2A-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M32MD2A-25BPCN ALSC-AS4C8M32MD2A-25BPCN Datasheet
1Mb / 75P
   8M x 32 Mobile LPDDR2 Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
logo
Integrated Silicon Solu...
IS42S32800D ISSI-IS42S32800D Datasheet
894Kb / 60P
   8M x 32 256Mb SYNCHRONOUS DRAM
logo
Etron Technology, Inc.
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
logo
Integrated Silicon Solu...
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com