Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405A Datasheet(PDF) 35 Page - Torex Semiconductor

Part # XC6405A
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405A Datasheet(HTML) 35 Page - Torex Semiconductor

Back Button XC6405A Datasheet HTML 31Page - Torex Semiconductor XC6405A Datasheet HTML 32Page - Torex Semiconductor XC6405A Datasheet HTML 33Page - Torex Semiconductor XC6405A Datasheet HTML 34Page - Torex Semiconductor XC6405A Datasheet HTML 35Page - Torex Semiconductor XC6405A Datasheet HTML 36Page - Torex Semiconductor XC6405A Datasheet HTML 37Page - Torex Semiconductor XC6405A Datasheet HTML 38Page - Torex Semiconductor XC6405A Datasheet HTML 39Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(5) VR Output Voltage vs. Operating Temperature
XC6405 Series (VR:0.9)
XC6403 Series (VR:1.8V)
XC6405 Series (VR:2.5V)
XC6405 Series (VR:5.0V)
XC6405 Series (VR:3.0V)
0.60
0.70
0.80
0.90
1.00
1.10
-50
-25
0
25
50
75
100
Operating Temperature Topr (
OC)
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-50
-25
0
25
50
75
100
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
-50
-25
0
25
50
75
100
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-50
-25
0
25
50
75
100
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100
Operating Temperature Topr (
OC)
VIN=2.0V
CIN=1.0uF (ceramic), CL=4.7uF (ceramic)
IOUT=0mA
=30mA
=100mA
VIN=2.8V
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
IOUT=0mA
=30mA
=100mA
Operating Temperature Topr (
OC)
VIN=3.5V
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
IOUT=0mA
=30mA
=100mA
Operating Temperature Topr (
OC)
VIN=4.0V
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
IOUT=0mA
=30mA
=100mA
VIN=6.0V
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
IOUT=0mA
=30mA
=100mA
Operating Temperature Topr (
OC)
Semiconductor Ltd.
Data Sheet
35


Similar Part No. - XC6405A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405 TOREX-XC6405 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE82MR TOREX-XC6405DE82MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE83MR TOREX-XC6405DE83MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com