Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405A Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6405A
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405A Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6405A Datasheet HTML 1Page - Torex Semiconductor XC6405A Datasheet HTML 2Page - Torex Semiconductor XC6405A Datasheet HTML 3Page - Torex Semiconductor XC6405A Datasheet HTML 4Page - Torex Semiconductor XC6405A Datasheet HTML 5Page - Torex Semiconductor XC6405A Datasheet HTML 6Page - Torex Semiconductor XC6405A Datasheet HTML 7Page - Torex Semiconductor XC6405A Datasheet HTML 8Page - Torex Semiconductor XC6405A Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! PIN CONFIGURATION
! PIN ASSIGNMENT
! SELECTION GUIDE
1. TOGGLE FUNCTION, VD SELF-SATURATION AS OPTION
2. STAND-BY MODE FUNCTION AS OPTION
3. CE / EN INPUT LOGIC, INTERNAL PULL-UP/DOWN AS OPTION (* : A ~ D Series)
4. VD SENSE AS OPTION
(* : A ~ D and F Series)
5. VD OUTPUT LOGIC AS OPTION
6. VD DELAY FUNCTION AS OPTION
3
3
3
4
SOT-25
1
2
3
XC6405F
Delay time adjustable by connecting Cd
XC6405A ~ E
No Delay
XC6405A ~ F
Detect L or Detect H
SERIES
DELAY FUNCTION
XC6405 E V ~ Z
VSEN
VOUT
SERIES
VD OUTPUT LOGIC FUNCTION
XC6405 * C, D, H, K, N, P, T, U, Y, Z
VD SENSE PIN
VIN
SERIES
XC6405 * A, B, E, F, L, M, R, S, V, X
SERIES
XC6405 * A ~ D
Active HIGH with pull down
XC6405 * R ~ U
Active LOW with no pull up
XC6405 * E ~ K
Active LOW with pull up
Active HIGH with no pull down
XC6405 * L ~ P
XC6405E, F
Chip Stand-by mode function
XC6405D
No Stand-by mode function
VD Output
VR Output
CE INPUT LOGIC
XC6405A
XC6405B
XC6405C ~ F
VD with Toggle Function and Self-Saturation
VD with no Toggle Function
SERIES
VD with Toggle Function
SERIES
VR with Stand-by mode function
STAND-BY MODE FUNCTION
TOGGLE FUNCTION (BUILT-IN)
XC6405A ~ C
5
5
5
4
SOT-89-5
1
2
5
3
5
VDOUT
VROUT
EN
CE
VSEN
Cd
ON / OFF Control
VD Monitoring
Delay Capacitor Connection
PIN NAME
FUNCTION
Power Input
Ground
VR ON / OFF Control
VIN
VSS
PIN NUMBER
SOT-25 (TOP VIEW)
Semiconductor Ltd.
SOT-89-5 (TOP VIEW)
4
5
3
2
1
VROUT
VSS
VIN
EN/CE
VSEN/Cd
VDOUT
12
3
4
5
EN/CE
VSEN/Cd
VIN
VSS
VDOUT
VROUT
Data Sheet
2


Similar Part No. - XC6405A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405 TOREX-XC6405 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE82MR TOREX-XC6405DE82MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405DE83MR TOREX-XC6405DE83MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com