Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F010-90CSFMQ Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS29F010-90CSFMQ
Description  131072 BY 8-BIT FLASH MEMORY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-90CSFMQ Datasheet(HTML) 1 Page - Texas Instruments

  TMS29F010-90CSFMQ Datasheet HTML 1Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 2Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 3Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 4Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 5Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 6Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 7Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 8Page - Texas Instruments TMS29F010-90CSFMQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Single Power Supply
5 V
± 10%
D Organization...131072 by 8 Bits
D Eight Equal Sectors of 16K Bytes
– Any Combination of Sectors Can Be
Erased
– Any Combination of Sectors Can Be
Marked as Read-Only
D Compatible With JEDEC EEPROM
Command Set
D Fully Automated On-Chip Erase and
Byte-Program Operations
D 100000 Program/Erase Cycles
D Compatible With JEDEC Byte-Wide Pinouts
D Low-Current Consumption
– Active Read . . . 20 mA Typical
– Active Program / Erase . . . 30 mA Typical
D All Inputs/Outputs TTL-Compatible
description
The
TMS29F010
is
a
131 072
by
8-bit
(1048 576-bit), 5-V single-supply, programmable
read-only memory device that can be electrically
erased and reprogrammed. This device is
organized as eight independent 16K-byte sectors
and is offered with access times between 70 ns
and 120 ns.
An on-chip state machine controls the program and erase operations. The embedded byte-program and
sector / chip-erase functions are fully automatic. The command set is compatible with that of JEDEC 1M-bit
EEPROMs. Data-protection of any sector combination is accomplished using a hardware sector-protection
feature.
Device operations are selected by writing JEDEC-standard commands into the command register using
standard microprocessor write timings. The command register acts as an input to an internal-state machine that
interprets the commands, controls the erase and programming operations, outputs the status of the device,
outputs data stored in the device, and outputs the device algorithm-selection code. On initial power-up
operation, the device defaults to the read mode.
The TMS29F010 is offered in a 32-pin plastic leaded chip carrier (FM suffix) using 1.27-mm (50-mil) lead pitch.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A[0:16]
Address Inputs
DQ[0:7]
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
VCC
5-V Power Supply
V
SS
Ground
W
Write Enable
NC
No Connection
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS29F010-90CSFMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F010-90C5FME TI1-TMS29F010-90C5FME Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
TMS29F010-90C5FML TI1-TMS29F010-90C5FML Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
More results

Similar Description - TMS29F010-90CSFMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
logo
Sanyo Semicon Device
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com