Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23166DCTR Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5A23166DCTR
Description  0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166DCTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5A23166DCTR Datasheet HTML 4Page - Texas Instruments TS5A23166DCTR Datasheet HTML 5Page - Texas Instruments TS5A23166DCTR Datasheet HTML 6Page - Texas Instruments TS5A23166DCTR Datasheet HTML 7Page - Texas Instruments TS5A23166DCTR Datasheet HTML 8Page - Texas Instruments TS5A23166DCTR Datasheet HTML 9Page - Texas Instruments TS5A23166DCTR Datasheet HTML 10Page - Texas Instruments TS5A23166DCTR Datasheet HTML 11Page - Texas Instruments TS5A23166DCTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (continued)
TS5A23166
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
SCDS196 – MAY 2005
V
+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
2.5 V
2
6
10
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
1
12
2.7 V
25
°C
2.5 V
4.5
8
12.5
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
3
15
2.7 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25
°C
2.5 V
4
pC
injection
RGEN = 0,
See Figure 21
NO
VNO = V+ or GND,
OFF
CNO(OFF)
See Figure 16
25
°C
2.5 V
19.5
pF
Switch OFF,
capacitance
COM
VCOM = V+ or GND,
OFF
CCOM(OFF)
See Figure 16
25
°C
2.5 V
18.5
pF
Switch OFF,
capacitance
NO
VNO = V+ or GND,
ON
CNO(ON)
See Figure 16
25
°C
2.5 V
36.5
pF
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25
°C
2.5 V
36.5
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25
°C
2.5 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
2.5 V
–62
dB
f = 1 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
2.5 V
–85
dB
f = 1 MHz,
See Figure 20
Total
RL = 600 Ω,
f = 20 Hz to 20 kHz,
harmonic
THD
25
°C
2.5 V
0.02
%
CL = 50 pF,
See Figure 22
distortion
Supply
25
°C
0.001
0.02
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
µA
current
Full
0.25
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
8


Similar Part No. - TS5A23166DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI1-TS5A23166DCURE4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURG4 TI-TS5A23166DCURG4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A23166DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com