Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABE0117 Datasheet(PDF) 1 Page - Abracon Corporation

Part No. ABE0117
Description  Low EMI Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABE0117 Datasheet(HTML) 1 Page - Abracon Corporation

  ABE0117 Datasheet HTML 1Page - Abracon Corporation ABE0117 Datasheet HTML 2Page - Abracon Corporation ABE0117 Datasheet HTML 3Page - Abracon Corporation ABE0117 Datasheet HTML 4Page - Abracon Corporation ABE0117 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABE0117
Low EMI Spread Spectrum Multiplier Clock
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com Rev 08/12/04 Page 1
FEATURES
• Spread Spectrum Clock Generator with selectable
multiplier ( 1x, 2x, 2.94x and 4x ).
• Output frequency ranges: 16MHz to 200MHz.
• Center Spread Modulation.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The ABE0117 is a Spread Spectrum Clock Generator
designed for the purpose of reducing EMI in high-
speed digital systems, with selectable Center Spread
modulation magnitude (see table below). The
multiplication factor can be selected from 4 multiplier
modes. The device operates over a wide range of
input frequencies and provides 1x, 2x. 2.94x and 4x
modulated clock outputs.
PIN CONFIGURATION
Note: v: 30k
Ω Internal Pull down. ^: 30kΩ Internal Pull up.
OUTPUT CLOCK (FOUT) SELECTION
Spread Spectrum Modulation
S3
S2
S1
S0
FIN Range
(MHz)
FOUT
Frequency
Magnitude
0
0
0
0
16 - 40
X1
±0.75%
0
0
0
1
16 - 40
X1
±1.00%
0
0
1
0
16 - 40
X1
±1.25%
0
0
1
1
16 - 40
X1
±1.50%
0
1
0
0
16 - 40
X2
±0.25%
0
1
0
1
16 - 40
X2
±0.50%
0
1
1
0
16 - 40
X2
±0.75%
0
1
1
1
16 - 40
X2
Fin / 512
±1.00%
1
0
0
0
24 - 60
X2
±1.25%
1
0
0
1
24 - 60
X2
±1.50%
1
0
1
0
24 - 50
X4
±0.25%
1
0
1
1
24 - 50
X4
Fin / 1024
±0.50%
1
1
0
0
16 - 40
X2.94
±0.25%
1
1
0
1
16 - 40
X2.94
±0.50%
1
1
1
0
16 - 40
X2.94
±0.75%
1
1
1
1
16 - 40
X2.94
Fin / 1000
±1.00%
1
2
3
45
6
7
8
FIN
S2^
S1^
S0v
VDD
FOUT
GND
S3v
FIN = 16 ~ 60 Mhz


Similar Part No. - ABE0117

ManufacturerPart No.DatasheetDescription
Abracon Corporation
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0110SC ABRACON-ABE0110SC Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0110SC-T ABRACON-ABE0110SC-T Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0111 ABRACON-ABE0111 Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111SC ABRACON-ABE0111SC Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results

Similar Description - ABE0117

ManufacturerPart No.DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
PhaseLink Corporation
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111 ABRACON-ABE0111 Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz