Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABE0110 Datasheet(PDF) 1 Page - Abracon Corporation

Part No. ABE0110
Description  Low EMI Spread Spectrum Multiplier IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABE0110 Datasheet(HTML) 1 Page - Abracon Corporation

  ABE0110 Datasheet HTML 1Page - Abracon Corporation ABE0110 Datasheet HTML 2Page - Abracon Corporation ABE0110 Datasheet HTML 3Page - Abracon Corporation ABE0110 Datasheet HTML 4Page - Abracon Corporation ABE0110 Datasheet HTML 5Page - Abracon Corporation ABE0110 Datasheet HTML 6Page - Abracon Corporation ABE0110 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ABE0110
Low EMI Spread Spectrum Multiplier IC
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 1
FEATURES
• Spread Spectrum Clock Generator/Multiplier with
output selectable from 1x to 8x.
• 13MHz to 240MHz output with output enable.
• 13MHz to 30 MHz reference input frequency
accepted from crystal or external clock signal.
• Reduced EMI from Spread Spectrum Modulation,
with selectable modulation amplitude for Center
Spread, Down Spread or Asymmetric Spread.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• 150 ps maximum cycle-to-cycle jitter.
• Available in 16-Pin 150mil SSOP
DESCRIPTION
The ABE0110 is a low EMI Clock Generator and
Multiplier for high-speed digital systems. It uses
Spread Spectrum Technology (SST) and permits
different levels of EMI reduction by selecting the
amplitude of the applied SST. The SST feature can
be turned off. An output enable input is also used.
The chip operates with input frequencies ranging from
13 to 30 MHz and provides 1x to 8x at its output.
BLOCK DIAGRAM
PACKAGE PIN CONFIGURATION
Note: ^: Internal pull-up resistor (120k
Ω for SD0, 30 kΩ for SC0-
SC2, SD1, M0-M2 and OE). The internal pull-up resistor
results in a default high value when no pull-down resistor is
connected to this pin.
*: SD0 and SD1 are latched upon power-up.
OUTPUT CLOCK (FOUT) SELECTION
M2
M1
M0
FIN/XIN
(MHz)
Multiplier
FOUT
(MHz)
0
0
0
13 ~ 28
X1
13 ~ 28
0
0
1
13 ~ 28
X2
26 ~ 56
0
1
0
14 ~ 30
X3
42 ~ 90
0
1
1
13 ~ 28
X4
52 ~ 112
1
0
0
20 ~ 30
X5
100 ~ 150
1
0
1
17 ~ 30
X6
102 ~ 180
1
1
0
15 ~ 30
X7
105 ~ 210
1
1
1
13 ~ 28
X8
104 ~ 224
1
2
3
4
5
6
7
8
XIN/FIN
9
10
11
12
13
14
15
16
XOUT/SD0*^
M2^
M1^
M0^
SC0^
SC1^
SC2^
GND
AVDD
REF/SD1*^
VDD
SC3^
OE^
FOUT
GND
XIN/FIN = 10 ~ 30 MHz
XTAL
OSC
FOUT
XIN
XOUT
M(0:2)
SD(0:1)
SC(0:3)
PLL
SST
Control
Logic
OE


Similar Part No. - ABE0110

ManufacturerPart No.DatasheetDescription
Abracon Corporation
Abracon Corporation
ABE0111 ABRACON-ABE0111 Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111SC ABRACON-ABE0111SC Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111SC-T ABRACON-ABE0111SC-T Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113SC ABRACON-ABE0113SC Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results

Similar Description - ABE0110

ManufacturerPart No.DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
PhaseLink Corporation
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz