Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABE0110 Datasheet(PDF) 5 Page - Abracon Corporation

Part No. ABE0110
Description  Low EMI Spread Spectrum Multiplier IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABE0110 Datasheet(HTML) 5 Page - Abracon Corporation

  ABE0110 Datasheet HTML 1Page - Abracon Corporation ABE0110 Datasheet HTML 2Page - Abracon Corporation ABE0110 Datasheet HTML 3Page - Abracon Corporation ABE0110 Datasheet HTML 4Page - Abracon Corporation ABE0110 Datasheet HTML 5Page - Abracon Corporation ABE0110 Datasheet HTML 6Page - Abracon Corporation ABE0110 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ABE0110
Low EMI Spread Spectrum Multiplier IC
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 5
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
FXIN
When using a crystal
15
30
MHz
Input Frequency
FIN
When using reference clock
15
30
MHz
Maximum interruption of FIN
When using reference clock
100
µs
Load Capacitance
CL
Between Pin XIN and
XOUT*
18
pF
Pull-up Resistor
Rup
PIN 2
120
k
Pull-up Resistor
Rup
PIN 3,4,5,6,7,8,11,12
30
k
Short Circuit Current
Isc
25
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving XIN
with a reference clock signal, the load capacitance will be 36pF (typical).


Similar Part No. - ABE0110

ManufacturerPart No.DatasheetDescription
Abracon Corporation
Abracon Corporation
ABE0111 ABRACON-ABE0111 Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111SC ABRACON-ABE0111SC Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0111SC-T ABRACON-ABE0111SC-T Datasheet
51Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113SC ABRACON-ABE0113SC Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results

Similar Description - ABE0110

ManufacturerPart No.DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
PhaseLink Corporation
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz