Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10153 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10153
Description  Quad Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10153 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10153 Datasheet HTML 1Page - ON Semiconductor MC10153 Datasheet HTML 2Page - ON Semiconductor MC10153 Datasheet HTML 3Page - ON Semiconductor MC10153 Datasheet HTML 4Page - ON Semiconductor MC10153 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–52
REV 5
© Motorola, Inc. 1996
3/93
Quad Latch
The MC10153 is a high speed, low power, MECL quad latch consisting of
four bistable latch circuits with D type inputs and gated Q outputs. Open
emitters allow a large number of outputs to be wire-ORed together. Latch
outputs are gated, allowing direct wiring to a bus. When the clock is low, outputs
will follow D inputs. Information is latched on positive going transition of the
clock. The MC10153 provides the same logic function as the MC10133, except
for inversion of the clock.
PD = 310 mW typ/pkg (No Load)
tpd = 4.0 ns typ
tr, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
Q0
Q1
Q2
Q3
3
D0
2Q0
5
G0
7
D1
4
CE
13
CC
12
CE
9
D2
14
D3
6Q1
11 Q2
15 Q3
10
G1
TRUTH TABLE
G
C
D
Qn+1
H
X
X
L
L
H
X
Qn
L
L
L
L
L
L
H
H
C = CC + CE
MC10153
DIP
PIN ASSIGNMENT
VCC1
Q0
D0
CE
G0
Q1
D1
VEE
VCC2
Q3
D3
CC
CE
Q2
G1
D2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Similar Part No. - MC10153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10153 ONSEMI-MC10153 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153FN ONSEMI-MC10153FN Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153L ONSEMI-MC10153L Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153P ONSEMI-MC10153P Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
More results

Similar Description - MC10153

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
logo
National Semiconductor ...
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com